Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 15Page - Renesas Technology Corp SLG51001 Datasheet HTML 16Page - Renesas Technology Corp SLG51001 Datasheet HTML 17Page - Renesas Technology Corp SLG51001 Datasheet HTML 18Page - Renesas Technology Corp SLG51001 Datasheet HTML 19Page - Renesas Technology Corp SLG51001 Datasheet HTML 20Page - Renesas Technology Corp SLG51001 Datasheet HTML 21Page - Renesas Technology Corp SLG51001 Datasheet HTML 22Page - Renesas Technology Corp SLG51001 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
19 of 25
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
Current Limit Accuracy
IOV_SINK
Current sink at over-voltage
VOV = VOUT + 100 mV
10
mA
Quiescent Current Specifications
IQ_ON_0m
A
Quiescent current, no load
IOUT = 0 mA
Note 8
8
15
μA
IQ_ON_1m
A
Quiescent current, low load
IOUT = 1 mA
Note 8
10
16
μA
IQ_ON_IM
AX
Quiescent current,
IOUT_MAX
IOUT = IOUT_MAX
Note 8
0.35
1.5
mA
RPD_OFF
Output pull down resistance
VOUT = 0.5 V
LDO disabled
35
100
Ω
Note 1
For currents less than 400 mA, a minimum of 1.2 μF (after derating) can be used.
Note 2
Output is capable down to 0.4 V at reduced accuracy. Please contact Renesas for more information
Note 3
Accuracy ±30 %
Note 4
The overall accuracy can be calculated by summing VOUT_PP + VOUT_TEMP + VOUT_STATIC_LD
+ VOUT_STATIC_LINE.
Note 5
Spec guaranteed for V
DD_CTRL ≥ 2.8 V.
Note 6
Dropout voltage is linear with the load current. If using a lower IOUT_MAX than specified, the dropout
can be calculated using 10 mV per 100 mA of load.
Note 7
Max t
OFF of 20 ms achieved for COUT = 80 μF.
Note 8
Internal regulator current flowing to ground.
3.9.1
Load Switch Mode Characteristics
Table 12: Load Switch Mode Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
0.5
Note 1
Note 2
1.25
V
IOUT_MAX
Maximum output current
1000
mA
Programmable Conditions
SR
Slew rate, programmable to
(4, 6, 8, 10)
mV/μs
4
10
mV/μs
ILIM
Current limit, programmable
from 15 mA to 1.434 A in
13 mA steps
Note 3
15
1434
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com