Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 25Page - Texas Instruments TMUX8212 Datasheet HTML 26Page - Texas Instruments TMUX8212 Datasheet HTML 27Page - Texas Instruments TMUX8212 Datasheet HTML 28Page - Texas Instruments TMUX8212 Datasheet HTML 29Page - Texas Instruments TMUX8212 Datasheet HTML 30Page - Texas Instruments TMUX8212 Datasheet HTML 31Page - Texas Instruments TMUX8212 Datasheet HTML 32Page - Texas Instruments TMUX8212 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
12 Layout
12.1 Layout Guidelines
The image below illustrates an example of a PCB layout with the TMUX821x device. Some key considerations
are:
• For reliable operation, connect at least one decoupling capacitor ranging from 0.1 µF to 10 µF between VDD
and VSS to GND. We recommend a 0.1 µF and 1 µF capacitor, placing the lowest value capacitor as close to
the pin as possible. Make sure that the capacitor voltage rating is sufficient for the supply voltage.
• Keep the input lines as short as possible.
• Use a solid ground plane to help distribute heat and reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
12.2 Layout Example
S1
D1
SEL1
VSS
D2
SEL2
TMUX821x
VDD
S2
N.C.
SEL3
D3
S3
GND
SEL4
D4
S4
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
Via to ground plane
Figure 12-1. TMUX821x TSSOP Layout Example
VSS
SEL2
SEL1
SEL3
GND
N.C.
SEL4
VDD
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
Via to ground plane
Figure 12-2. TMUX821x QFN Layout Example
www.ti.com
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com