Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 13Page - Texas Instruments TMUX8212 Datasheet HTML 14Page - Texas Instruments TMUX8212 Datasheet HTML 15Page - Texas Instruments TMUX8212 Datasheet HTML 16Page - Texas Instruments TMUX8212 Datasheet HTML 17Page - Texas Instruments TMUX8212 Datasheet HTML 18Page - Texas Instruments TMUX8212 Datasheet HTML 19Page - Texas Instruments TMUX8212 Datasheet HTML 20Page - Texas Instruments TMUX8212 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
7.14 Typical Characteristics (continued)
at TA = 25°C, VDD = +36 V, and VSS = –36 V (unless otherwise noted)
Frequency (Hz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
10M
100M
1G
VDD/VSS: ±36V
- Adjacent
VDD/VSS: ±36V
- Non-Adjacent
VDD/VSS: 72V/0V - Adjacent
VDD/VSS: 72V/0V - Non-Adjacent
TA = 25°C
Figure 7-25. Crosstalk vs Frequency
Bandwidth
Figure 7-26. Insertion Loss vs Frequency
Frequency (Hz)
0
0.001
0.002
0.003
0.004
0.005
10
100
1k
10k
VDD/VSS: ±15V
VPP: 2V
RL: 50
VDD/VSS: ±15V
VPP: 5V
RL = 1k
VDD/VSS: ±36V
VPP: 5V
RL: 1k
TA = 25°C
Figure 7-27. THD+N vs Frequency
www.ti.com
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com