Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 19Page - Texas Instruments TMUX8212 Datasheet HTML 20Page - Texas Instruments TMUX8212 Datasheet HTML 21Page - Texas Instruments TMUX8212 Datasheet HTML 22Page - Texas Instruments TMUX8212 Datasheet HTML 23Page - Texas Instruments TMUX8212 Datasheet HTML 24Page - Texas Instruments TMUX8212 Datasheet HTML 25Page - Texas Instruments TMUX8212 Datasheet HTML 26Page - Texas Instruments TMUX8212 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
9 Detailed Description
9.1 Overview
The TMUX8211, TMUX8212 and TMUX8213 are a modern complementary metal-oxide semiconductor (CMOS)
analog switches in quad single-pole single-throw configuration. The devices work well with dual supplies, a
single supply, or asymmetric supplies.
9.2 Functional Block Diagram
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
TMUX8211
S1
S2
S3
S4
D1
D2
D3
D4
TMUX8212
S1
S2
S3
S4
D1
D2
D3
D4
TMUX8213
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
ALL SWITCHES SHOWN FOR A LOGIC 0 INPUT
9.3 Feature Description
9.3.1 Bidirectional Operation
The devices conduct equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each signal
path has similar characteristics in both directions.
9.3.2 Flat On-Resistance
The TMUX821x devices are designed with a special switch architecture to produce ultra-flat On-Resistance
(RON) across most of the switch input operating region. The flat RON response allows the device to be used in
precision sensor applications since the RON is controlled regardless of the signals sampled. The architecture
is implemented without a charge pump so no unwanted noise is produced from the device to affect sampling
accuracy.
The flattest On-Resistance region extends from VSS to roughly 5 V below VDD. Once the signal is within 5 V of
VDD the On-Resistance will exponentially increase and may impact desired signal transmission.
9.3.3 Protection Features
These devices offer a number of protection features to enable robust system implementations.
9.3.3.1 Fail-Safe Logic
Fail-safe logic circuitry allows voltages on the logic control pins to be applied before the supply pins, protecting
the device from potential damage. Additionally the fail safe logic feature allows the logic inputs of the mux to be
interfaced with high voltages, allowing for simplified interfacing if only high voltage control signals are present.
The logic inputs are protected against positive faults of up to +48 V in powered-off condition, but do not offer
protection against negative over-voltage condition.
Fail-safe logic also allows the devices to interface with a voltage greater than VDD on the control pins during
normal operation to add maximum flexibility in system design. For example, with a VDD = 15 V, the logic control
pins could be connected to +24 V for a logic high signal which allows different types of signals, such as analog
feedback voltages, to be used when controlling the logic inputs. Regardless of the supply voltage, the logic
inputs can be interfaced as high as 48 V.
www.ti.com
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com