Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX8212 Datasheet HTML 1Page - Texas Instruments TMUX8212 Datasheet HTML 2Page - Texas Instruments TMUX8212 Datasheet HTML 3Page - Texas Instruments TMUX8212 Datasheet HTML 4Page - Texas Instruments TMUX8212 Datasheet HTML 5Page - Texas Instruments TMUX8212 Datasheet HTML 6Page - Texas Instruments TMUX8212 Datasheet HTML 7Page - Texas Instruments TMUX8212 Datasheet HTML 8Page - Texas Instruments TMUX8212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
7 Specifications
7.1 Absolute Maximum Ratings: TMUX821x Devices
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD–VSS
Supply voltage
110
V
VDD
–0.5
110
V
VSS
–110
0.5
V
VSELx
Logic control input pin voltage (SELx)
–0.5
50
V
ISELx
Logic control input pin current (SELx)
–30
30
mA
VS or VD
Source or drain voltage (Sx, Dx)
VSS–2
VDD+2
V
IDC
Source or drain continuous current (Sx, Dx)
–200
200
mA
IIK (2)
Diode clamp current at 85°C
–100
100
mA
Diode clamp current at 125°C
–15
15
mA
Tstg
Storage temperature
–65
150
°C
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
150
°C
Ptot (3)
Total power dissipation (QFN)
1680
mW
Ptot (4)
Total power dissipation (TSSOP)
720
mW
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
Signal path pins are diode-clamped to the power-supply rails. Over voltage signals must be voltage and current limited to maximum
ratings.
(3)
For QFN package: Ptot derates linearly above TA = 70°C by 24.0 mW/°C
(4)
For TSSOP package: Ptot derates linearly above TA = 70°C by 10.5 mW/°C
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions: TMUX821x Devices
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD – VSS (1) Power supply voltage differential
10
100
V
VDD
Positive power supply voltage
10
100
V
VS or VD (2)
Signal path input/output voltage (source or drain pin)
VSS
VDD
V
VSEL
Logic input pin voltage
0
48
V
TA
Ambient temperature
–40
125
°C
IS or ID (CONT) Source or drain continuous current (Sx, D)
IDC (3)
mA
(1)
VDD and VSS can be any value as long as 10 V ≤ (VDD – VSS) ≤ 100 V, and the minimum VDD is met.
(2)
VS or VD is the voltage on any Source or Drain pins.
(3)
Refer to Source or Drain Continuous Current table for IDC specifications.
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com