Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 14Page - Texas Instruments TMUX8212 Datasheet HTML 15Page - Texas Instruments TMUX8212 Datasheet HTML 16Page - Texas Instruments TMUX8212 Datasheet HTML 17Page - Texas Instruments TMUX8212 Datasheet HTML 18Page - Texas Instruments TMUX8212 Datasheet HTML 19Page - Texas Instruments TMUX8212 Datasheet HTML 20Page - Texas Instruments TMUX8212 Datasheet HTML 21Page - Texas Instruments TMUX8212 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
8 Parameter Measurement Information
8.1 On-Resistance
The On-Resistance of the TMUX821x is the ohmic resistance across the source (Sx) and drain (Dx) pins
of the device. The On-Resistance varies with input voltage and supply voltage. The symbol RON is used to
denote On-Resistance. Figure 8-1 shows the measurement setup used to measure RON. ΔRON represents the
difference between the RON of any two channels, while RON_FLAT denotes the flatness that is defined as the
difference between the maximum and minimum value of On-Resistance measured over the specified analog
signal range.
V
DD
V
DD
V
SS
V
SS
GND
Sx
Dx
SW
V
I
S
4
10
=
8
+
5
V
S
Figure 8-1. On-Resistance Measurement Setup
8.2 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state:
1. Source Off-Leakage current IS(OFF): the leakage current flowing into or out of the source pin when the switch
is off.
2. Drain Off-Leakage current ID(OFF): the leakage current flowing into or out of the drain pin when the switch is
off.
Figure 8-2 shows the setup used to measure both Off-Leakage currents.
Is (OFF)
SW
S1
VDD
VSS
GND
A
GND
GND
VD
VS
IS(OFF)
D1
Is (OFF)
SW
S4
GND
A
GND
VD
VS
SW
S1
VDD
VSS
GND
GND
GND
VD
VS
ID(OFF)
SW
S4
GND
GND
VD
VS
ID (OFF)
A
D4
ID (OFF)
A
D1
D4
Figure 8-2. Off-Leakage Measurement Setup
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com