Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 34Page - Texas Instruments TMUX8212 Datasheet HTML 35Page - Texas Instruments TMUX8212 Datasheet HTML 36Page - Texas Instruments TMUX8212 Datasheet HTML 37Page - Texas Instruments TMUX8212 Datasheet HTML 38Page - Texas Instruments TMUX8212 Datasheet HTML 39Page - Texas Instruments TMUX8212 Datasheet HTML 40Page - Texas Instruments TMUX8212 Datasheet HTML 41Page - Texas Instruments TMUX8212 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
4.1
3.9
4.1
3.9
0.8
0.7
0.05
0.00
2X 1.95
12X 0.65
2X 1.95
16X
0.5
0.3
16X
0.35
0.25
2.5 0.1
(0.2) TYP
WQFN - 0.8 mm max height
RUM0016E
PLASTIC QUAD FLATPACK - NO LEAD
4224815/A 02/2019
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
4
5
8
9
12
13
16
17
SCALE 3.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com