Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 16Page - Texas Instruments TMUX8212 Datasheet HTML 17Page - Texas Instruments TMUX8212 Datasheet HTML 18Page - Texas Instruments TMUX8212 Datasheet HTML 19Page - Texas Instruments TMUX8212 Datasheet HTML 20Page - Texas Instruments TMUX8212 Datasheet HTML 21Page - Texas Instruments TMUX8212 Datasheet HTML 22Page - Texas Instruments TMUX8212 Datasheet HTML 23Page - Texas Instruments TMUX8212 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
8.5 Charge Injection
Charge injection is a measure of the glitch impulse transferred from the digital input to the analog output during
switching, and is denoted by the symbol QINJ. Figure 8-5 shows the setup used to measure charge injection from
the source to drain.
VOUT
Output
VS
0 V
3 V
VSELx
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
S1
GND
D1
S4
D4
SW
SW
GND
VS
GND
VS
GND
CL
GND
CL
Output
Output
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
SELx
VSELx
Figure 8-5. Charge-Injection Measurement Setup
8.6 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (Dx) of the device when a signal is applied to
the source pin (Sx) of an off-channel. The characteristic impedance, ZO, for the measurement is 50 Ω. Figure 8-6
and Equation 1 shows the setup used to measure off isolation.
SELx
GND
VSELx
SX
Dx
VS
VOUT
RS
SW
50
Network Analyzer
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
50
Other
Sx/ Dx
pins
Figure 8-6. Off Isolation Measurement Setup
Off Isolation = 20 × Log VOUTVS
(1)
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com