Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 24Page - Texas Instruments TMUX8212 Datasheet HTML 25Page - Texas Instruments TMUX8212 Datasheet HTML 26Page - Texas Instruments TMUX8212 Datasheet HTML 27Page - Texas Instruments TMUX8212 Datasheet HTML 28Page - Texas Instruments TMUX8212 Datasheet HTML 29Page - Texas Instruments TMUX8212 Datasheet HTML 30Page - Texas Instruments TMUX8212 Datasheet HTML 31Page - Texas Instruments TMUX8212 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
10.2.3 Application Curves
The example application utilizes the excellent leakage and On-Resistance flatness performance of the
TMUX821x devices. Figure 10-2 shows the leakage current for a channel that is ON across a varying source
voltage. Figure 10-3 shows the extremely flat On-Resistance across source voltage while operating within the
flattest RON range of the TMUX821x devices. These features make the devices an ideal solution for applications
that require excellent linearity and low distortion.
VS or VD - Source or Drain Voltage (V)
-36
-28
-20
-12
-4
4
12
20
28
36
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
TA = 125C
TA = 85C
TA = 25C
.
Figure 10-2. On-Leakage
VS or VD - Source or Drain Voltage (V)
-40
-30
-20
-10
0
10
20
30
2
3
4
5
6
7
8
9
10
TA = -40C
TA = 25C
TA = 85C
TA = 125C
.
Figure 10-3. RON Flatness
11 Power Supply Recommendations
The TMUX821x devices operate across a wide supply range of ±10 V to ±50 V (10 V to 100 V in single-supply
mode). They also perform well with asymmetrical supplies such as VDD = 50 V and VSS= –10 V. For improved
supply noise immunity, use a supply decoupling capacitor ranging from 1 µF to 10 µF at both the VDD and VSS
pins to ground. An additional 0.1 µF capacitor placed closest to the supply pins will provide the best supply
decoupling solution. Always ensure the ground (GND) connection is established before supplies are ramped.
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com