Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 15Page - Texas Instruments TMUX8212 Datasheet HTML 16Page - Texas Instruments TMUX8212 Datasheet HTML 17Page - Texas Instruments TMUX8212 Datasheet HTML 18Page - Texas Instruments TMUX8212 Datasheet HTML 19Page - Texas Instruments TMUX8212 Datasheet HTML 20Page - Texas Instruments TMUX8212 Datasheet HTML 21Page - Texas Instruments TMUX8212 Datasheet HTML 22Page - Texas Instruments TMUX8212 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
8.3 On-Leakage Current
Source On-Leakage current (IS(ON)) and drain On-Leakage current (ID(ON)) denote the channel leakage currents
when the switch is in the on state. IS(ON) is measured with the drain floating, while ID(ON) is measured with the
source floating. Figure 8-3 shows the circuit used for measuring the On-Leakage currents.
Is (OFF)
S1
VDD
VSS
GND
A
GND
VS
IS(ON)
D1
Is (OFF)
S4
GND
A
VS
D4
N.C.
N.C.
SW
SW
ID (OFF)
S1
VDD
VSS
GND
A
GND
VS
ID(ON)
D1
ID (OFF)
S4
GND
A
VS
D4
SW
SW
N.C.
N.C.
Figure 8-3. On-Leakage Measurement Setup
8.4 Device Turn-On and Turn-Off Time
Turn-On time (tON) is defined as the time taken by the output of the TMUX8211, TMUX8212, and TMUX8213
to rise to a 90% final value after the SELx signal has risen (for NC switches) or fallen (for NO switches) to a
50% final value. Turn-Off time (tOFF) is defined as the time taken by the output of the TMUX8211, TMUX8212,
and TMUX8213 to fall to a 10% initial value after the SELx signal has fallen (for NC switches) or risen (for NO
switches) to a 50% initial value. Figure 8-4 shows the setup used to measure tON and tOFF.
3 V
VSEL
0 V
50%
50%
tON
tOFF
0.1
0.9
Output
tr < 20 ns
tf < 20 ns
GND
RL
VSEL
GND
CL
GND
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
SW
Sx
GND
GND
VS
Dx
SELx
Output
Figure 8-4. Enable Delay Measurement Setup
www.ti.com
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com