Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 21Page - Texas Instruments TMUX8212 Datasheet HTML 22Page - Texas Instruments TMUX8212 Datasheet HTML 23Page - Texas Instruments TMUX8212 Datasheet HTML 24Page - Texas Instruments TMUX8212 Datasheet HTML 25Page - Texas Instruments TMUX8212 Datasheet HTML 26Page - Texas Instruments TMUX8212 Datasheet HTML 27Page - Texas Instruments TMUX8212 Datasheet HTML 28Page - Texas Instruments TMUX8212 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
9.4 Device Functional Modes
9.4.1 Normal Mode
In Normal Mode operation, signals of up to VDD and VSS can be passed through the switch from source (Sx)
to drain (Dx) or from drain (Dx) to source (Sx). The select (SELx) pins determine which switch path to turn on,
according to the Truth Table. The following conditions must be satisfied for the switch to stay in the ON condition:
• The difference between the primary supplies (VDD – VSS) must be greater than or equal to 10 V. With a
minimum VDD of 10 V.
• The input signals on the source (Sx) or the drain (Dx) must be between VDD and VSS.
• The logic control (SELx) must have selected the switch.
9.4.2 Truth Tables
Table 9-1, Table 9-2, and Table 9-3 show the truth tables for the TMUX8211, TMUX8212, and TMUX8213,
respectively.
Table 9-1. TMUX8211 Truth Table
SEL #(1)
CHANNEL #
0
Channel # ON
1
Channel # OFF
(1)
"#"designates the channel number controlled by SEL pin: "1, 2,
3, or 4"
Table 9-2. TMUX8212 Truth Table
SEL #(1)
CHANNEL #
0
Channel # OFF
1
Channel # ON
(1)
"#"designates the channel number controlled by SEL pin: "1, 2,
3, or 4"
Table 9-3. TMUX8213 Truth Table
SEL1 SEL2 SEL3 SEL4
ON / OFF CHANNELS
0
X(1)
X
X
CHANNEL 1 ON
1
X
X
X
CHANNEL 1 OFF
X
0
X
X
CHANNEL 2 OFF
X
1
X
X
CHANNEL 2 ON
X
X
0
X
CHANNEL 3 OFF
X
X
1
X
CHANNEL 3 ON
X
X
X
0
CHANNEL 4 ON
X
X
X
1
CHANNEL 4 OFF
(1)
"X" means "do not care."
If unused, then the SELx pins must be tied to GND or Logic High so that the devices do not consume additional
current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx or Dx)
should be connected to GND for best performance.
www.ti.com
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com