Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 30Page - Texas Instruments TMP4718 Datasheet HTML 31Page - Texas Instruments TMP4718 Datasheet HTML 32Page - Texas Instruments TMP4718 Datasheet HTML 33Page - Texas Instruments TMP4718 Datasheet HTML 34Page - Texas Instruments TMP4718 Datasheet HTML 35Page - Texas Instruments TMP4718 Datasheet HTML 36Page - Texas Instruments TMP4718 Datasheet HTML 37Page - Texas Instruments TMP4718 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
8.6.15 Alert_Mask Register (Address = 16h) [reset = 07h]
Controls which alerts are masked
Return to Register Map.
Figure 8-29. Alert_Mask Register
7
6
5
4
3
2
1
0
THigh_LA
Reserved
THigh_RA
TLow_RA
Reserved
TCrit_R
TCrit_L
R/W-0h
R-0h
R/W-0h
R/W-0h
R-1h
R/W-1h
R/W-1h
Table 8-20. Alert_Mask Register Field Descriptions
Bit
Field
Type
Reset
Description
7
THigh_LA
R/W
0h
Mask setting for THigh_LA
0h = THigh_LA is enabled to output the ALERT pin
1h = THigh_LA is masked and will not output a low on the
ALERT pin
6:5
Reserved
R
0h
Reserved
4
THigh_RA
R/W
0h
Mask setting for THigh_RA
0h = THigh_RA is enabled to output the ALERT pin
1h = THigh_RA is masked and will not output a low on the
ALERT pin
3
TLow_RA
R/W
0h
Mask setting for TLow_RA
0h = TLow_RA is enabled to output the ALERT pin
1h = TLow_RA is masked and will not output a low on the
ALERT pin
2
Reserved
R
1h
Reserved
1
TCrit_R
R/W
1h
Mask setting for TCrit_R
0h = TCrit_R is enabled to output the ALERT pin
1h = TCrit_R is masked and will not output a low on the ALERT
pin
0
TCrit_L
R/W
1h
Mask setting for TCrit_L
0h = TCrit_L is enabled to output the ALERT pin
1h = TCrit_L is masked and will not output a low on the ALERT
pin
TMP4718
SBOSA41 – MAY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com