Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 18Page - Texas Instruments TMP4718 Datasheet HTML 19Page - Texas Instruments TMP4718 Datasheet HTML 20Page - Texas Instruments TMP4718 Datasheet HTML 21Page - Texas Instruments TMP4718 Datasheet HTML 22Page - Texas Instruments TMP4718 Datasheet HTML 23Page - Texas Instruments TMP4718 Datasheet HTML 24Page - Texas Instruments TMP4718 Datasheet HTML 25Page - Texas Instruments TMP4718 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Byte: 1010 1010 (AAh)
MSB
SCL
SDA
Bit
Bit
Bit
Bit
Bit
Bit
LSB
ACK
1
0
1
0
1
0
1
0
ACK
SDA line is stable while SCL line is high
Figure 8-10. Bit Transfer
8.5.3 Device Address
To communicate with the TMP4718, the controller must first address the target device through an address byte.
The address byte has seven address bits and a read-write (R/W) bit that indicates the intent of executing a read
or write operation. The TMP4718 offers two different target addresses based on the two different device part
numbers shown below.
DEVICE
7-BIT I2C ADDRESS
HEX
BINARY
TMP4718ADGKR
0x4C
1001100'b
TMP4718BDGKR
0x4D
1001101'b
8.5.4 Bus Transactions
Registers are locations in the memory of the target which contain information, whether it be the configuration
information or some sampled data to send back to the controller. The controller must write information to these
registers in order to instruct the target device to perform a task.
The TMP4718 includes a timeout feature that will automatically reset the I2C state machine after the SCL line
is held low for 30 ms. After the timeout the TMP4718 will wait for a new start condition to respond to I2C
communication.
8.5.4.1 Writes
To write on the I2C bus, the controller sends a START condition on the bus with the address of the target, as well
as the last bit (the R/W bit) set to 0, which signifies a write. The target acknowledges, letting the controller know
it is ready. After this, the controller starts sending the register pointer followed by the register data to the target.
The controller terminates the transmission with a STOP condition.
Writes to read-only registers or register locations outside of the register map will be ignored and the TMP4718
will NACK the data the controller tries to send.
Figure 8-11 shows an example of writing a single byte write communication. TMP4718 does not support multiple
byte writes.
TMP4718
SBOSA41 – MAY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com