Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 9Page - Texas Instruments TMP4718 Datasheet HTML 10Page - Texas Instruments TMP4718 Datasheet HTML 11Page - Texas Instruments TMP4718 Datasheet HTML 12Page - Texas Instruments TMP4718 Datasheet HTML 13Page - Texas Instruments TMP4718 Datasheet HTML 14Page - Texas Instruments TMP4718 Datasheet HTML 15Page - Texas Instruments TMP4718 Datasheet HTML 16Page - Texas Instruments TMP4718 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
3. If the pin is grounded, the decoded resistance value is the lowest resistance value from the table (that is, 2
kΩ).
4. The ALERT and T_CRIT pins can share the same pullup resistor, resulting one of the five T_CRIT limits
(77°C, 89°C, 101°C, 113°C or 125°C) to be stored in the device.
5. The resistor decoding scheme functions regardless of the pullup voltage on the pins.
Table 8-1. T_CRIT High-Temperature Limits
T_CRIT LIMIT (°C)
T_CRIT
2 kΩ
7.5 kΩ
10.5 kΩ
14 kΩ
18.7 kΩ
ALERT
2 kΩ
77°C
87°C
97°C
107°C
117°C
7.5 kΩ
79°C
89°C
99°C
109°C
119°C
10.5 kΩ
81°C
91°C
101°C
111°C
121°C
14 kΩ
83°C
93°C
103°C
113°C
123°C
18.7 kΩ
85°C
95°C
105°C
115°C
125°C
8.3.5 ALERT and T_CRIT Output
The TMP4718 ALERT and T_CRIT pins are active-low open drain outputs. The ALERT pin is asserted at the
end of a conversion cycle when the measured temperature exceeds a High Alert Limit or goes below a Low Alert
Limit. The T_CRIT pin is asserted at the end of a conversion cycle when the measured temperature exceeds
the T_CRIT limit defined in the limit register. The ALERT and T_CRIT pins can be used to notify the system of
overtemperature or undertemperature conditions and protect from thermally induced system damages. Note the
ALERT and T_CRIT outputs are activated only when the corresponding bits are configured in the Alert_Mask
register.
8.3.6 Fault Queue
The device includes a fault queue feature. When enable in the register settings, the ALERT and T_CRIT will
only be generated if there are three consecutive temperature conversion results beyond the limits. When this
feature is disabled, only one temperature conversion result beyond the limits will generate an ALERT or T_CRIT
warning.
This feature only applies to the remote channel and will have no effect on the local channel. The fault queue is
enabled upon device POR (that is, three successive temperature results beyond the limits triggers an ALERT or
T_CRIT warning).
www.ti.com
TMP4718
SBOSA41 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com