Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 3Page - Texas Instruments TMP4718 Datasheet HTML 4Page - Texas Instruments TMP4718 Datasheet HTML 5Page - Texas Instruments TMP4718 Datasheet HTML 6Page - Texas Instruments TMP4718 Datasheet HTML 7Page - Texas Instruments TMP4718 Datasheet HTML 8Page - Texas Instruments TMP4718 Datasheet HTML 9Page - Texas Instruments TMP4718 Datasheet HTML 10Page - Texas Instruments TMP4718 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Over free-air temperature range and VDD = 3.0 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25 °C
and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD_ACTI
VE
Active conversion current
TA = -40 °C to 125 °C
Serial bus inactive
Local sensor
100
140
μA
Remote sensor
220
320
μA
IDD_AVG Average current consumption Serial bus inactive
Conversion period = 2 s
TBD
μA
Conversion period =
0.125 s
TBD
μA
IDD_SB
Standby current(2)
Serial bus inactive
TA = 25 °C
1.2
2.5
μA
TA = -40 °C to 125 °C
5
μA
IDD_SD
Shutdown current
Serial bus inactive
TA = 25 °C
0.5
0.8
μA
TA = -40 °C to 125 °C
4.5
μA
Serial bus active. fs = 400 kHz
6.9
μA
Serial bus active. fs = 1 MHz
15.2
μA
VPOR
Power-on reset threshold
voltage
Supply rising
1.2
1.4
V
Brownout detect
Supply falling
1.0
1.1
V
tPOR
Initialization time after Power-
on Reset
50
ms
(1)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(2)
Quiescent current between conversions
7.6 I2C Interface Timing
minimum and maximum specifications are over –40 °C to 125 °C and VDD = 3.0 V to 5.5 V (unless otherwise noted)(1)
STANDARD MODE
FAST MODE
FAST MODE PLUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency(2)
1
100
1
400
1
1000
kHz
t(BUF)
Bus-free time between STOP and START
conditions
4.7
–
1.3
–
0.5
–
µs
t(SUSTA)
Repeated START condition setup time
4.7
–
0.6
–
0.26
–
µs
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
4.0
–
0.6
–
0.26
–
µs
t(SUSTO)
STOP condition setup time
4.0
–
0.6
–
0.26
–
µs
t(HDDAT)
Data hold time(3)
0
3450
0
900
0
150
ns
t(SUDAT)
Data setup time
250
–
100
–
50
–
ns
t(LOW)
SCL clock low period
4.7
–
1.3
–
0.5
–
µs
t(HIGH)
SCL clock high period
4.0
–
0.6
–
0.26
–
µs
t(VDAT)
Data valid time (data response time)(4)
–
3.45
0.9
–
0.45
µs
tR
Clock and data rise time
–
1000
20
300
–
120
ns
tF
Clock and fall time
–
300
20 x
(VDD / 5.5
V)
300
20 x
(VDD / 5.5
V)
120
ns
ttimeout
Timeout (SCL = GND)
20
30
20
30
20
30
ms
(1)
The host and device have the same VDD value. Values are based on statistical analysis of samples tested during initial release.
(2)
The TMP4718 is equipped with a 50-ns spike filter on both SCL and SDA lines. The filter allows the device to be used alongside I3C
devices without impacting the communication.
(3)
The maximum t(HDDAT) can be 3.45 µs and 0.9 µs for Standard Mode and Fast Mode, but must be less than the maximum of t(VDAT) by
a transition time.
(4)
t(VDAT) = time for data signal from SCL LOW to SDA output (HIGH to LOW, depending on which is worse).
www.ti.com
TMP4718
SBOSA41 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com