Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 3 Page - Texas Instruments

  TMP4718 Datasheet HTML 1Page - Texas Instruments TMP4718 Datasheet HTML 2Page - Texas Instruments TMP4718 Datasheet HTML 3Page - Texas Instruments TMP4718 Datasheet HTML 4Page - Texas Instruments TMP4718 Datasheet HTML 5Page - Texas Instruments TMP4718 Datasheet HTML 6Page - Texas Instruments TMP4718 Datasheet HTML 7Page - Texas Instruments TMP4718 Datasheet HTML 8Page - Texas Instruments TMP4718 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
5 Device Comparison
Table 5-1. Device Comparison
DEVICE
7-BIT I2C ADDRESS
HEX
BINARY
TMP4718ADGKR
0x4C
1001100'b
TMP4718BDGKR
0x4D
1001101'b
6 Pin Configuration and Functions
VDD
DP
DN
SCL
SDA
ALERT
7
6
8
1
3
2
T_CRIT
4
GND
5
Figure 6-1. DGK Package 8-Pin VSSOP (Top View)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
DGK
VDD
1
P
Supply Pin. Bypass to GND with a 0.1-μF capacitor.
DP
2
I/O
Positive connection to remote temperature sensors. Connect DP to DN if no remote diode
is used. Place a 470-pF capacitor between DP and DN for noise filtering (if needed).
DN
3
I/O
Negative connection to remote temperature sensor. Connect DP to DN if no remote diode
is used. Place a 470-pF capacitor between DP and DN for noise filtering (if needed).
T_CRIT
4
I/O
Open-drain critical temperature alert pin. A pullup resistor to VDD (or a separate bus) is
required. The pullup resistor value is used to configure the default T_CRIT and ALERT
high-temperature limits for the Remote and Local channels. See Adjustable Default
T_CRIT High-Temperature Limit for more information.
GND
5
G
Ground connection
ALERT
6
I/O
Open-drain temperature alert pin. A pullup resistor to VDD (or a separate bus) is required.
The pullup resistor value is used to configure the default T_CRIT and ALERT high-
temperature limits for the Remote and Local channels. See Adjustable Default T_CRIT
High-Temperature Limit for more information.
SDA
7
I/O
Open-drain serial data line. Requires a pullup resistor.
SCL
8
I
Open-drain serial clock
Input line. Note I2C clock stretching is not supported.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
www.ti.com
TMP4718
SBOSA41 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com