Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 17Page - Texas Instruments TMP4718 Datasheet HTML 18Page - Texas Instruments TMP4718 Datasheet HTML 19Page - Texas Instruments TMP4718 Datasheet HTML 20Page - Texas Instruments TMP4718 Datasheet HTML 21Page - Texas Instruments TMP4718 Datasheet HTML 22Page - Texas Instruments TMP4718 Datasheet HTML 23Page - Texas Instruments TMP4718 Datasheet HTML 24Page - Texas Instruments TMP4718 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
8.5.2 I2C and SMBus Interface
The TMP4718 has a standard bidirectional I2C interface that can be configured or read by a controller. Each
target on the I2C bus has a specific device address to differentiate between other target devices that are on the
same I2C bus. Many target devices require configuration upon start-up to set the behavior of the device. This
is typically done when the controller accesses internal register maps of the target, which have unique register
addresses. A device can have one or multiple registers where data is stored, written, or read. The TMP4718
includes 50-ns glitch suppression filters, allowing the device to coexist on I3C mixed bus.
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. Both SDA and SCL
lines must be connected to a supply through a pullup resistor. The size of the pullup resistor is determined by
the amount of capacitance on the I2C lines. See also the I2C Bus Pullup Resistor Calculation application note.
Data transfer may be initiated only when the bus is idle. A bus is considered idle if both SDA and SCL lines
are high after a STOP condition (see Figure 8-9 and Figure 8-10). See the Writes and Reads sections for detail
procedures on how the controller can access the TMP4718.
SCL
SDA
Data Transfer
START
Condition
STOP
Condition
Figure 8-9. Definition of Start and Stop Conditions
www.ti.com
TMP4718
SBOSA41 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com