Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 35Page - Texas Instruments TMP4718 Datasheet HTML 36Page - Texas Instruments TMP4718 Datasheet HTML 37Page - Texas Instruments TMP4718 Datasheet HTML 38Page - Texas Instruments TMP4718 Datasheet HTML 39Page - Texas Instruments TMP4718 Datasheet HTML 40Page - Texas Instruments TMP4718 Datasheet HTML 41Page - Texas Instruments TMP4718 Datasheet HTML 42Page - Texas Instruments TMP4718 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP4718 can operate with a two-wire I2C or SMBus compatible interface. The interfaces support static
input thresholds independent of supply to maintain compatibility with a 1.2-V logic I2C or SMBus. The following
implementation is required for proper device operation.
9.2 Typical Application
Figure 9-1 depicts the completed design.
VDD
DP
DN
SCL
SDA
ALERT
T_CRIT
GND
0.1 µF
1.2 V
4.7 k
4.7 k
7.5 k
10.5 k
SDA
GPIO
SCL
GPIO
3.3V
TMP4718
50
50
MMBT3906FZ-7B
MCU
470 pF
Figure 9-1. TMP4718 Design Example
9.2.1 Design Requirements
In this design example, the requirement is to design a temperature monitoring system using TMP4718 with the
MMBT3906FZ-7B as the bipolar sensing transistor. The default T_CRIT high temperature limit for this example is
99°C. Table 9-1 lists the design parameters for this application.
Table 9-1. Design Parameters
PARAMETER
VALUE
Supply
3.3 V
I/O Pull-up Voltage
1.2 V
Default T_CRIT high temperature limit
99°C
Bipolar Transistor
MMBT3906FZ-7B
(Diodes Inc.)
9.2.2 Detailed Design Procedure
The ideality factor (η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. Compensating for ideality factor differences is simple if the diode manufacturer specifies the n-factor
www.ti.com
TMP4718
SBOSA41 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com