Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 4 Page - Texas Instruments

  TMP4718 Datasheet HTML 1Page - Texas Instruments TMP4718 Datasheet HTML 2Page - Texas Instruments TMP4718 Datasheet HTML 3Page - Texas Instruments TMP4718 Datasheet HTML 4Page - Texas Instruments TMP4718 Datasheet HTML 5Page - Texas Instruments TMP4718 Datasheet HTML 6Page - Texas Instruments TMP4718 Datasheet HTML 7Page - Texas Instruments TMP4718 Datasheet HTML 8Page - Texas Instruments TMP4718 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over free-air temperature range unless otherwise noted(1)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
6
V
I/O voltage
DP
–0.3
1.65
V
DN
–0.3
0.3
V
ALERT, T_CRIT, SCL, SDA
–0.3
6
V
I/O current
DP, DN
-10
10
mA
ALERT, T_CRIT, SDA
-10
10
mA
Operating junction temperature, TJ
-55
150
°C
Storage temperature, Tstg
-65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3.0
3.3
5.5
V
VI/O
DP
0
1.2
DN
0
0
ALERT, T_CRIT, SCL, SDA
0
5.5
II/O
DP, DN
3
mA
ALERT, T_CRIT, SDA
3
TA
Operating ambient temperature
-40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
TMP4718
UNIT
DGK (VSSOP)
6 PINS
RθJA
Junction-to-ambient thermal resistance
185.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
76.3
°C/W
RθJB
Junction-to-board thermal resistance
107.5
°C/W
ψJT
Junction-to-top characterization parameter
16.8
°C/W
ψJB
Junction-to-board characterization parameter
105.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
TMP4718
SBOSA41 – MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com