Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 7Page - Texas Instruments TMP4718 Datasheet HTML 8Page - Texas Instruments TMP4718 Datasheet HTML 9Page - Texas Instruments TMP4718 Datasheet HTML 10Page - Texas Instruments TMP4718 Datasheet HTML 11Page - Texas Instruments TMP4718 Datasheet HTML 12Page - Texas Instruments TMP4718 Datasheet HTML 13Page - Texas Instruments TMP4718 Datasheet HTML 14Page - Texas Instruments TMP4718 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
8 Detailed Description
8.1 Overview
The TMP4718 is a digital temperature sensor that combines a local temperature measurement channel and a
remote-junction temperature measurement channel in a single 8-pin package. The device is I2C and SMBus
compatible and is specified over a temperature range of –40°C to 125°C. The TMP4718 includes series
resistance cancellation, programmable temperature alerts, and the ability to change the default power-up
T_CRIT high-temperature limits through the T_CRIT and ALERT pullup resistors.
8.2 Functional Block Diagram
VDD
SDA
DP
Control Logic
Oscillator
Internal
thermal
BJT
ALERT
SCL
Serial Interface
GND
ADC
Register
Bank
DN
ID
6 * ID
16 * ID
T_CRIT
Resistor
Decoder
Voltage
Regulator
Figure 8-1. Functional Block Diagram
www.ti.com
TMP4718
SBOSA41 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com