Electronic Components Datasheet Search
  English  ▼

X  

TMP4718 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP4718
Description  TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP4718 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP4718 Datasheet HTML 20Page - Texas Instruments TMP4718 Datasheet HTML 21Page - Texas Instruments TMP4718 Datasheet HTML 22Page - Texas Instruments TMP4718 Datasheet HTML 23Page - Texas Instruments TMP4718 Datasheet HTML 24Page - Texas Instruments TMP4718 Datasheet HTML 25Page - Texas Instruments TMP4718 Datasheet HTML 26Page - Texas Instruments TMP4718 Datasheet HTML 27Page - Texas Instruments TMP4718 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
S
A6
A5
A4
A3
A2
A1
A0
1
A
START
Target Address
R/W
ACK from Target
D6
D5
D4
D3
D2
D1
D0
A
D7
P
STOP
ACK from Controller
Data from Register 00h
Target controls SDA line
Controller controls SDA line
Figure 8-13. Repeated Read from Single Register
8.5.5 SMBus Alert Mode
When bit 0 of the Filter and Alert Mode register (Register 0xBF) is set to 0, the SMBus Alert Mode is enabled. In
this mode, the ALERT pin is asserted at the end of a conversion cycle if the measured temperature exceeds a
High Alert Limit or goes below a Low Alert Limit defined in the limit registers. In this mode, the TMP4718 sets the
ALERT mask bit of the Configuration Register during a read of the Status Register if any flag in Status Register,
except the ADC_Busy flag and Remote Diode Open flag, is set. This prevents the ALERT pin from triggering
until the controller resets the ALERT mask bit (write 0 to Alert_MSK bit).
The ALERT High Status flags set at the end of a conversion cycle when the measured temperature exceeds
a High Alert Limit register limit. There are separate High Limit values and status register flags for the remote
and local temperature measurements. The status register flags will only set to their respective temperature
measurements.
The Remote ALERT Low Status flag sets at the end of a conversion cycle when the measured remote
temperature is below the Remote Low Alert Limit register limit.
The Status Register limit flags are cleared after a read command of the Status Register from the master and are
set again at the end of a proceeding temperature conversion cycle if the measured temperature is outside the
set limits.
When the ALERT pin is connected to the SMBus alert line, there can be multiple devices on the same output.
For the controller to resolve which target is generating an alert, the controller can send a SMBus ALERT
Response Address (ARA) command. If the TMP4718 is generating an alert and an ARA command is sent, the
TMP4718 sets the ALERT MASK bit in the Configuration register and send the target address to the controller.
An ARA command will not clear any Status register flags.
Figure 8-14 shows the behavior of the ALERT pin and flags while in SMBus Alert mode.
TMP4718
SBOSA41 – MAY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP4718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com