Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 48 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 48 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 44Page - Sumida Corporation CMS5D21 Datasheet HTML 45Page - Sumida Corporation CMS5D21 Datasheet HTML 46Page - Sumida Corporation CMS5D21 Datasheet HTML 47Page - Sumida Corporation CMS5D21 Datasheet HTML 48Page - Sumida Corporation CMS5D21 Datasheet HTML 49Page - Sumida Corporation CMS5D21 Datasheet HTML 50Page - Sumida Corporation CMS5D21 Datasheet HTML 51Page - Sumida Corporation CMS5D21 Datasheet HTML 52Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 156 page
background image
48
1. Telecommunication (PoE)
1. Telecommunication (PoE)
: Max. 130mH
: Max. 500kHz
: 3.2W (100kHz), 7.5W (300kHz), 11.0W (500kHz)
Inductance
Operating Freq
Max. Operating Power
Application
1. Portable equipment
2. Automotive
1. Portable equipment
Specifications
CEPH199
CEPH205
Application
: Max. 3.0H
: Max. 500kHz
: 800mW (100kHz), 2.5W (300kHz), 4.2W (500kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
Application
: Max. 500kHz
: 30.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
CEFD2513
CEFD2010B
Application
: Max. 500kHz
: 43.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
PROVISIONAL
PROVISIONAL
About CEPH1910, CEFD2010B, CEFD2513
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Application
1. Telecommunication (PoE)
: Max. 500kHz
: 5.4W (100kHz), 14.5W (300kHz), 22.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
CEPH1910
PROVISIONAL
DC-DC Converter Transformers < SMD type & Multiple Output Transformers >
Max. 10.2
18.0
22.0
Max. 29.9
26.6
14.0
24.0
Max. 5.8
Max. 22.0
20.0
21.0
Max.26.5
Max.14.0
10-1.1
5.0
20.0
20.0
5.0
10-1.9
Max. 22.0
10 -1.0
8-3.76
Max. 11.0
15.04
10-2.0
3.76
22.0
14.0
18.0
25.6
31.0
1.0
13.0
±0.1
18.0
23.5
Max. 21.0
Max. 10.9
25.2
20.0
27.0
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com