Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 36 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 36 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 32Page - Sumida Corporation CMS5D21 Datasheet HTML 33Page - Sumida Corporation CMS5D21 Datasheet HTML 34Page - Sumida Corporation CMS5D21 Datasheet HTML 35Page - Sumida Corporation CMS5D21 Datasheet HTML 36Page - Sumida Corporation CMS5D21 Datasheet HTML 37Page - Sumida Corporation CMS5D21 Datasheet HTML 38Page - Sumida Corporation CMS5D21 Datasheet HTML 39Page - Sumida Corporation CMS5D21 Datasheet HTML 40Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 156 page
background image
36
DC-DC Converter Transformers
SMD Type Transformer for Automotive applications
OUTLINE
High-reliability DC-DC converter transformers.The operating temperature range is from −40 degrees C to 125 degrees C.
CEEH137
DC-DC Converter Transformers < SMD Type Transformer for Automotive applications >
Specifications
CEER1510
: Max. 28mH
: 500kHz
: 2.5W (100kHz), 6.5W (300kHz)
Inductance
Max. Operating frequency
Max. Operating power
Specifications
: Max. 3.7mH
: 500kHz
: 17.5W (300kHz)
Inductance
Max. Operating frequency
Max. Operating power
Max. 14.0
Max. 8.0
Max. 17.0
(15.3)
2.0
2.0
14.0
CEEH158
CEEH178
CEER1612
Specifications
: Max. 50mH
: 500kHz
: 4.0W (100kHz)
Inductance
Max. Operating frequency
Max. Operating power
Specifications
: Max. 50mH
: 500kHz
: 3.5W (100kHz)
Inductance
Max. Operating frequency
Max. Operating power
Specifications
: 16
µH
: 500kHz
Inductance
Max. Operating frequency
Max. 22.9
Max. 9.0
18.9
17.0
18.4
24.0
14.3
24.5
Max. 24.5
Max. 9.0
21.2
19.0
19.6
25.5
Max. 21.0
Max. 13.5
22.5
15.1
0.4
NEW
Max.15.5
Max.10.0
0.4
1.3
18.2
12.8
10.9
12.0
19.5
2–ø1.5
/ 概要
車載用高信頼性トランス。ー40∼120℃対応。
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com