Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 24 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 24 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 20Page - Sumida Corporation CMS5D21 Datasheet HTML 21Page - Sumida Corporation CMS5D21 Datasheet HTML 22Page - Sumida Corporation CMS5D21 Datasheet HTML 23Page - Sumida Corporation CMS5D21 Datasheet HTML 24Page - Sumida Corporation CMS5D21 Datasheet HTML 25Page - Sumida Corporation CMS5D21 Datasheet HTML 26Page - Sumida Corporation CMS5D21 Datasheet HTML 27Page - Sumida Corporation CMS5D21 Datasheet HTML 28Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 156 page
background image
24
DC-DC Converter Transformers
Transformers for UP-Down or Up Converter
OUTLINE
This is small size and high efficient up-down converter transformer which is 2 in 1 construction. (ex. SEPIC converter)
It is possible to output the high voltage which is hard to obtain with an ordinary inductor with sufficient accuracy.
It is available for a white LED back light drive.
CLS4D18
About CLS6D18
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
DC-DC Converter Transformers < Transformers for UP-Down or Up Converter >
Application
1. The power supply for DSC, Note PC and DVC
CLS4D23B
Application
1. The power supply for DSC, Note PC and DVC
CLS4D28B
Application
1. The power supply for DSC, Note PC and DVC
CLS6D18
Application
1. The power supply for DSC, Note PC and DVC
PROVISIONAL
BOTTOM VIEW
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Max. 3.0
1
4
2
3
1
4
2
3
2
1
4
3
Max. 4.8
Max. 4.8
Max. 2.5
4.6
1.8
4.6
1.8
0.9 2.0
0.9 2.0
Max. 5.0
Max. 2.0
0.50
5.3
3.4
3.1
1.5
1.9
2.1
1
4
2
3
Max. 7.0
Max. 2.0
5.5
2.5
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CONSTRUCTION
/ 概要
2in1構造の小型・高効率のSEPIC、ZETAコンバータ用トランスです。通常のインダクタでは得にくい大きい昇圧比にて、巻上トランスとして使用する事が可能です。
DSC、ノートPC、DVC用の電源。白色LEDバックライト駆動用の電源に最適です。
/ 裏面図
/ 裏面図
/ 裏面図
/ 用途
1. DSC、ノートパソコン、DVC用電源
磁気構造図
外形寸法図
推奨ランド寸法
端子接続
/ 用途
1. DSC、ノートパソコン、DVC用電源
磁気構造図
外形寸法図
推奨ランド寸法
端子接続
/ 用途
1. DSC、ノートパソコン、DVC用電源
磁気構造図
外形寸法図
推奨ランド寸法
端子接続
/ 用途
1. DSC、ノートパソコン、DVC用電源
磁気構造図
外形寸法図
推奨ランド寸法
端子接続
/ 裏面図
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、ご了承下さい。量産時期についてはお問合せ下さい。
DC-DC Converter Transformers < Transformers for UP-Down or Up Converter >
*A Saturation Current 1,3 : This indicates the value of D.C. current when the inductance decreases to 90% of its initial value.(Ta=20
°C)
*B Saturation Current 2,4 : This indicates the value of D.C. current when the inductance decreases to 90% of its initial value.(Ta=100
°C)
*C Temperature Rise Current 5,6 : The actual current when temperature of coil becomes Max.
∆T=40°C.(Ta=20°C)
Other
TYPE : CLS4D18, CLS4D23B
Parts
No.
L
(H)
CLS4D18
CLS4D23B
Saturation Current (A)
Temperature
Rise Current (A)*C
Temperature
Rise Current (A)*C
Temperature
Rise Current (A)*C
Temperature
Rise Current (A)*C
Saturation Current (A)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
1R0
1.0
µ
2.4
1.7
1.2
860m
3.0
1.5
1R8
1.8
µ
1.7
1.3
870m
650m
2.7
1.2
2R2
2.2
µ
1.5
1.1
720m
560m
2.4
1.1
2.4
1.9
1.1
900m
3.0
1.3
3R3
3.3
µ
1.2
880m
630m
470m
2.3
900m
3R6
3.6
µ
1.7
1.4
1.0
750m
2.4
1.1
5R0
5.0
µ
1.2
770m
500m
360m
1.8
700m
5R3
5.3
µ
1.5
1.1
720m
600m
2.0
850m
6R8
6.8
µ
860m
650m
430m
310m
1.6
650m
7R3
7.3
µ
1.3
1.1
540m
450m
1.8
750m
100
10
µ
680m
520m
330m
260m
1.2
470m
110
11
µ
900m
700m
470m
410m
1.6
620m
170
17
µ
720m
650m
400m
300m
1.1
450m
220
22
µ
570m
550m
270m
220m
1.1
430m
Measuring Freq: (L)/
CLS4D18
100kHz
CLS4D23B
100kHz
Tolerance of Inductance/
CLS4D18
1.0
µH-10.0µH±30%(N)
CLS4D23B
2.2
µH-22.0µH±30%(N)
TYPE : CLS4D28B, CLS6D18
Parts
No.
L
(H)
CLS4D28B
CLS6D18
Saturation Current (A)
Saturation Current (A)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
1R3
1.3
µ
1R9
1.9
µ
2R2
2.2
µ
2R6
2.6
µ
3R5
3.5
µ
4R7
4.7
µ
5R2
5.2
µ
6R8
6.8
µ
Measuring Freq: (L)/
z
CLS6D18
100kHz
Tolerance of Inductance/
1.80
1.35
900m
700m
2.40
1.20
1.40
1.10
700m
540m
2.10
1.00
1.20
900m
600m
450m
1.80
880m
1.00
800m
500m
400m
1.50
720m
100
10
µ
850m
600m
420m
320m
1.30
630m
150
15
µ
650m
500m
340m
250m
1.10
520m
220
22
µ
550m
420m
280m
200m
950m
430m
330
33
µ
450m
320m
220m
160m
800m
360m
470
47
µ
400m
280m
180m
140m
750m
320m
CLS4D28B
CLS6D18
CLS4D28B
100kH
2.2µH-47.0µH±30%(N)
2.69
2.02
1.34
1.01
2.20
1.65
1.17
880m
1.96
1.46
970m
730m
1.72
1.29
770m
580m
1.43
1.07
700m
530m
1.20
900m
580m
440m
980m
740m
490m
370m
900m
680m
380m
290m
630m
470m
300m
230m
810m
750m
690m
570m
500m
380m
360m
260m
170m
1.70
1.58
1.45
1.20
1.05
810m
750m
550m
350m
1.3
µH-22.0µH±30%(N)
/ その他
*A 直流重畳許容電流1,3 : 直流電流を流した時、インダクタンスが初期値の90%以上となる電流値とする。(Ta=20℃)
*B 直流重畳許容電流2,4 : 直流電流を流した時、インダクタンスが初期値の90%以上となる電流値とする。(Ta=100℃)
*C 温度上昇実力電流5,6 : 直流電流を流した時、コイルの温度上昇が△T=40℃以下となる電流の実力値とする。(Ta=20℃)
インダクタンス測定周波数
インダクタンス公差
インダクタンス測定周波数
インダクタンス公差



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com