Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 86 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 86 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 82Page - Sumida Corporation CMS5D21 Datasheet HTML 83Page - Sumida Corporation CMS5D21 Datasheet HTML 84Page - Sumida Corporation CMS5D21 Datasheet HTML 85Page - Sumida Corporation CMS5D21 Datasheet HTML 86Page - Sumida Corporation CMS5D21 Datasheet HTML 87Page - Sumida Corporation CMS5D21 Datasheet HTML 88Page - Sumida Corporation CMS5D21 Datasheet HTML 89Page - Sumida Corporation CMS5D21 Datasheet HTML 90Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 156 page
background image
86
EMC < Common Mode Choke Coils for DC Lines (correspond 125˚C) >
Max. 8.0m
Ω
CPFC11D60-100M08
6.0A
Parts No.
D.C.R.
(1-4) (2-3)
Min. 800
Ω
Impedance
@100MHz
Rated
current
PROVISIONAL
Impedance Characteristics
Specifications
CPFC11D60
Application
Features
About
CPFC11D60
1
2
S
S
4
3
Max. 12.8
Max. 6.5
7.5 (TYP)
2.1
2.1
7.3
3.2
3.2
FREQUENCY (Hz)
DIMENSIONS (mm)
Schematics
Recommended land patterns(mm)
1. Effective to DC line noise for LCD TV and PC.
1. SMD type.
2. Small size.
3. High impedance at wide range frequency.
品名
直流抵抗
定格電流
インピーダンス
/ インピーダンス特性
/ 仕様
外形寸法図
結線図
推奨ランド図
/ 用途
1. 液晶テレビ、パソコン他各種電子機器のDCラインノイズに有効。
/ 特徴
1. 面実装品。
2. 小型。
3. 広域にてインピーダンスが大きい。
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com