Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 96 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 96 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 92Page - Sumida Corporation CMS5D21 Datasheet HTML 93Page - Sumida Corporation CMS5D21 Datasheet HTML 94Page - Sumida Corporation CMS5D21 Datasheet HTML 95Page - Sumida Corporation CMS5D21 Datasheet HTML 96Page - Sumida Corporation CMS5D21 Datasheet HTML 97Page - Sumida Corporation CMS5D21 Datasheet HTML 98Page - Sumida Corporation CMS5D21 Datasheet HTML 99Page - Sumida Corporation CMS5D21 Datasheet HTML 100Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 156 page
background image
96
SFC68
Impedance Characteristics
64.9m
Ω
80.0m
Ω
94.5m
Ω
110.0m
Ω
19.5m
Ω
25.5m
Ω
33.5m
Ω
41.5m
Ω
SFC68NP-WN08
SFC68NP-WN10
SFC68NP-WN12
SFC68NP-WN14
SFC68NP-WNB04
SFC68NP-WNB06
SFC68NP-WNB08
SFC68NP-WNB10
800
Ω(@20MHz)
1200
Ω(@20MHz)
1800
Ω(@20MHz)
2400
Ω(@20MHz)
200
Ω(@100MHz)
500
Ω(@100MHz)
700
Ω(@100MHz)
800
Ω(@100MHz)
1.30A
1.15A
1.08A
950mA
2.90A
1.80A
1.50A
1.05A
Parts No.
D.C.R.
@1MHz
Min.
Impedance
39.5
µH
60.7
µH
87.5
µH
121.5
µH
4.3
µH
9.5
µH
17.2
µH
28.2
µH
Inductance
(1-4) (2-3)
Rated
current
Specifications
Features
1. Without exerting bad influence to the video signal, common mode noise
 countermeasure is possible.
2. Effective in high frequency.
3. Inch pitch, pin layout.
1. EMI solution for PC, micro-computer applications and micro-computer
  related terminal equipment.
Application
Impedance Characteristics
Specifications
Features
1. Effective in high frequency.
1. Noise filter for primary power supply circuit of FAX.
2. Copy machine.
Application
SFC1015
Max. 0.06
Ω
Max. 0.25
Ω
Max. 0.28
Ω
Min. 1.0mH
Min. 2.0mH
Min. 3.0mH
SFC1015-102
SFC1015-202
SFC1015-302
3.4A
2.0A
1.35A
Parts No.
D.C.R.
Inductance
Rated current
EMC < Signal and DC Common Mode Choke Coils >
(1-4) (2-3)
4.5
1.0
Max. 6.2
Max. 8.2
2.54
3
4
2
1
S
S
Max. 20.0
Max. 11.5
5.08
3.0
ss
0
10k
20k
30k
40k
50k
60k
70k
80k
100M
10M
1M
100k
1k
10k
100
302
202
102
FREQUENCY (Hz)
0
500
1k
2k
2.5k
3k
3.5k
4k
1.5k
4.5k
01M
10M
100M
1G
FREQUENCY (Hz)
WN14
WN10
WN08
WN12
0
500
1k
2k
2.5k
3k
3.5k
4k
1.5k
4.5k
01M
10M
100M
1G
FREQUENCY (Hz)
WNB10
WNB08
WNB06
WNB04
/ インピーダンス特性
/ 用途
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
品名
直流抵抗
定格電流
インピーダンス
インダクタンス
/ 仕様
/ 特徴
1. 映像信号に悪影響を与えず、
コモンモードノイズ対策が可能。
2. 高周波数帯域に効果あり。
3. インチピッチ、
ピンレイアウト。
1. パソコン、マイコン応用機器、周辺端末機器等の信号ラインのEMI対策用。
/ インピーダンス特性
/ 用途
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
/ 仕様
/ 特徴
1. 高周波帯域に効果あり。
1. FAXの電源回路(2次側)用ノイズフィルタ。
2. 複写機。
品名
直流抵抗
定格電流
インダクタンス



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com