Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 15 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 15 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 11Page - Sumida Corporation CMS5D21 Datasheet HTML 12Page - Sumida Corporation CMS5D21 Datasheet HTML 13Page - Sumida Corporation CMS5D21 Datasheet HTML 14Page - Sumida Corporation CMS5D21 Datasheet HTML 15Page - Sumida Corporation CMS5D21 Datasheet HTML 16Page - Sumida Corporation CMS5D21 Datasheet HTML 17Page - Sumida Corporation CMS5D21 Datasheet HTML 18Page - Sumida Corporation CMS5D21 Datasheet HTML 19Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 156 page
background image
15
*1 Saturation Current : This indicates the value of D.C. current when the inductance becomes 35% lower than its nominal value.
*2 Saturation Current : This indicates the value of D.C. current when the inductance becomes 30% lower than its nominal value.
*3 Temperature Rise Current : The actual current when temperature of coil becomes
∆T=40°C (Ta=20°C ).
OUTLINE / 概要
About CDPH49D19/HP, CDMPIH58D28, CDMPIH60D48/T125, CDMPIH75D43/T125, CDMPIH10D48/T125
Power Inductors < Low Leakage Flux Type >
Specifications
CDPH49D19/HP
CDMPIH58D28
CDMPIH60D48/T125
CDMPIH75D43/T125
CDMPIH10D48/T125
3.0
µH - 10µH ± 20%
150
µH - 2.2mH ± 20%
3.9
µH - 6.2µH ± 25%, 10µH -100µH ± 20%
4.7
µH - 6.8µH ± 25%, 10µH - 220µH ± 20%
4.3
µH - 7.5µH ± 25%, 11µH -100µH ± 20%
90m - 220m
850m - 13.2
27m - 368m
22m - 805m
15m - 220m
1.75 - 3.1
85m - 330m
800m - 4.1
650m - 4.4
1.55 - 7.4
980m - 1.42
120m - 440m
850m - 3.5
500m - 3.6
1.25 - 5.5
Type Name
D.C.R.(
Ω) : Typ.
Temperature Rise Current (A)
Inductance
Saturation Current (A)
(at 20˚C) *1
*3
CDMPIH60D48/T125
CDMPIH75D43/T125
CDMPIH10D48/T125
PROVISIONAL
PROVISIONAL
PROVISIONAL
PROVISIONAL
PROVISIONAL
DIMENSIONS (mm)
LAND PATTERNS (mm)
DIMENSIONS (mm)
LAND PATTERNS (mm)
DIMENSIONS (mm)
LAND PATTERNS (mm)
This specification might be changed without notice due to under developing and improving. Please contact us
for our mass production schedule.Thank you for your understanding.
Power Inductors SMD Shielded Type
Low Leakage Flux Type(低漏洩磁束タイプインダクタ)
This series of inductors succeed in much lower flux leakage than a traditional sheild structure.
(It is suitable for using at a flux leakage impact)
Application : Car navigation system, Digital camera.
Max. 5.0
Max. 10.3
3.4
3.6
Max. 6.2
Max. 5.0
1.8
2.2
Max. 7.7
Max. 4.5
2.0
2.4
CDMPIH58D28
NEW
LAND PATTERNS (mm)
DIMENSIONS (mm)
3.5
1.4
1.4
5.8
±0.2
5.8
3.8
Max. 3.2
*/ T125 of operating temperature limit is to 125℃
 (including self-heating)
*/T125は使用温度範囲125℃まで(自己発熱含む)
*2
*1 直流重畳許容電流:直流電流を流した時、インダクタンスが公称値の65%以上となる電流値とする。
*2 直流重畳許容電流:直流電流を流した時、インダクタンスが公称値の70%以上となる電流値とする。
*3 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT= 40℃となる電流の実力値とする。
(Ta=20℃)
/ 仕様
型名
温度上昇実力電流 (A)
インダクタンス
直流重畳許容電流 (A)
外形寸法図
推奨ランド寸法
推奨ランド寸法
外形寸法図
推奨ランド寸法
外形寸法図
推奨ランド寸法
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
従来の閉磁構造タイプよりもさらに漏れ磁束が少ない構造設計。
カーナビケーションや一眼レフカメラなど漏れ磁束が影響を及ぼす箇所に最適です。
外形寸法図
CDPH49D19/HP
DIMENSIONS (mm)
Max. 5.1
Max. 2.0
外形寸法図
NEW
推奨ランド寸法
LAND PATTERNS (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com