Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 55 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 55 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 51Page - Sumida Corporation CMS5D21 Datasheet HTML 52Page - Sumida Corporation CMS5D21 Datasheet HTML 53Page - Sumida Corporation CMS5D21 Datasheet HTML 54Page - Sumida Corporation CMS5D21 Datasheet HTML 55Page - Sumida Corporation CMS5D21 Datasheet HTML 56Page - Sumida Corporation CMS5D21 Datasheet HTML 57Page - Sumida Corporation CMS5D21 Datasheet HTML 58Page - Sumida Corporation CMS5D21 Datasheet HTML 59Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 156 page
background image
55
EI-255B
Application
1. Switching regulator
2. Portable equipment
1. Switching regulator
: Max. 300kHz
: 16.0W (100kHz), 38.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
EI-28
Application
: Max. 300kHz
: 22.0W (100kHz), 51.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
EI-22
Application
: Max. 300kHz
: 7.8W (100kHz), 18.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
1. Switching regulator
2. Portable equipment
DIMENSIONS (mm)
CONSTRUCTION
磁気構造図
外形寸法図
Max. 21.0
Max. 21.0
15.5
3.0
7.5
Max. 23.0
4-5.0
Max. 29.5
4.0 4.0
4.0
4.0
6.0
Max. 21.0
Max. 23.0
: Max. 500kHz
: 4.0W (100kHz), 10.0W (300kHz), 14.0W (500kHz)
Operating Freq
Max. Operating Power
Application
1. AC/DC adapter (charger)
Specifications
EEH2017
: 500kHz
: 18.0W (300kHz)
Operating Freq
Max. Operating Power
Application
1. Telecommunication
Specifications
RM5
PROVISIONAL
About RM5
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
15.25
3.8
Max. 17.7
Max. 24.0
Max. 16.5
Max. 11.0
14.4
3.5
3.6
1.8
磁気構造図
外形寸法図
磁気構造図
外形寸法図
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
磁気構造図
外形寸法図
磁気構造図
外形寸法図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com