Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 31 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 31 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 27Page - Sumida Corporation CMS5D21 Datasheet HTML 28Page - Sumida Corporation CMS5D21 Datasheet HTML 29Page - Sumida Corporation CMS5D21 Datasheet HTML 30Page - Sumida Corporation CMS5D21 Datasheet HTML 31Page - Sumida Corporation CMS5D21 Datasheet HTML 32Page - Sumida Corporation CMS5D21 Datasheet HTML 33Page - Sumida Corporation CMS5D21 Datasheet HTML 34Page - Sumida Corporation CMS5D21 Datasheet HTML 35Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 156 page
background image
31
DC-DC Converter Transformers < Step Up DC-DC Converter Transformers for Strobe >
DC-DC Converter Transformers
Step Up DC-DC Converter Transformers for Strobe
OUTLINE
These are coils for small size DSC strobe circuit.
CMS5D28
Selection Guide
TPS65560
BD4215
A8724
R2A20070NS
LT3485-3
LT3468
CMS5D28
S-1009-0016
A719-SZK-017
A719-SZK-018
A719-SZK-016
S-1099-0016
PS-OAK-001
A836-OAK-005
A719-SZK-028
1.8 ~ 4.2 (Typ.3.0)
2.3 ~ 8.4 (Typ.3.7&7.4)
1.6 ~ 8.4 (Typ.3.0&7.4)
2.7 ~ 4.2 (Typ.3.7)
2.2 ~ 4.5 (Typ.3.7)
2.8 ~ 4.2V (Typ.3.7V)
3.0 ~ 4.6V (Typ.3.7V)
2.8 ~ 4.2V (Typ.3.7V)
300
300
300
320
330
330
330
330
70
90
80
90
47,70,100
100
100
90
IC used
Sumida type name
Sumida sample number
Input voltage
Output voltage
Charging capacitor
CMS5D28D
CMS5D28
CMS5D21
CMS5D21
CMS5D28D
CMS5D28D
Application
1. Step up transformer for strobe of Digital still camera
: Max. 7.5mH
: Max. 1MHz
Inductance
Max. Operating frequency
Specifications
CMS5D28D
Application
1. Step up transformer for strobe of Digital still camera
Specifications
: Max. 2.0mH
: 1MHz
Inductance
Max. Operating frequency
Max. 5.8
3.7
3.7
1.4
5.0
Max. 3.0
Max. 5.2
5.0
3.6
(0.3)
3.0
5.8
Max. 3.0 (TYP. 2.8)
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
CMS5D23B
Application
1. Step up transformer for strobe of Digital still camera
Specifications
: Max. 5.4mH
: 1MHz
Inductance
Max. Operating frequency
Max. 5.0
5.0
(3.6)
Max. 2.5
3.0
5.8
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
磁気構造図
/ 概要
小型のデジタルカメラストロボ回路用コイルです。
/ セレクションガイド
使用IC
タイプ名
試作No.
入力電圧(V)
出力電圧(V)
充電コンデンサ(μF)
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
外形寸法図
推奨ランド寸法



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com