Electronic Components Datasheet Search
  English  ▼

X  

CMS5D21 Datasheet(PDF) 98 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 98 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 94Page - Sumida Corporation CMS5D21 Datasheet HTML 95Page - Sumida Corporation CMS5D21 Datasheet HTML 96Page - Sumida Corporation CMS5D21 Datasheet HTML 97Page - Sumida Corporation CMS5D21 Datasheet HTML 98Page - Sumida Corporation CMS5D21 Datasheet HTML 99Page - Sumida Corporation CMS5D21 Datasheet HTML 100Page - Sumida Corporation CMS5D21 Datasheet HTML 101Page - Sumida Corporation CMS5D21 Datasheet HTML 102Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 156 page
background image
98
Impedance Characteristics
Specifications
Features
1. Small size, inexpensive type.
2. It is effective to the noise countermeasure for DC line noise and immunity for
 multi-function telephone, PBX and FAX.
1. Multi function telephone.
2. PBX.
3. FAX.
Application
UU9TF
UU9TFH
Max. 180m
Ω
Max. 270m
Ω
Max. 530m
Ω
Max. 1.09
Ω
Max. 1.80
Ω
Max. 1.90
Ω
Max. 2.43
Ω
Max. 3.77
Ω
Max. 5.32
Ω
UU9TF(H)NP-501
UU9TF(H)NP-102
UU9TF(H)NP-202
UU9TF(H)NP-502
UU9TF(H)NP-802
UU9TF(H)NP-862
UU9TF(H)NP-103
UU9TF(H)NP-153
UU9TF(H)NP-203
1.13A
950mA
690mA
500mA
380mA
370mA
320mA
260mA
210mA
Parts No.
D.C.R.
(1-2) (4-3)
@20
°C
@1kHz
Min. 0.5mH
Min. 1.0mH
Min. 2.0mH
Min. 5.0mH
Min. 8.0mH
Min. 8.6mH
Min. 10.0mH
Min. 15.0mH
Min. 20.0mH
Inductance
(1-4) or (2-3)
Rated
current
EMC < Signal and DC Common Mode Choke Coils >
7.0
3.5
Max. 16.5
Max. 11.0
Max. 3.5
2
14
3
S
S
7.0
3.5
Max. 12.5
Max. 15.5
Max. 3.5
10
100
1k
10k
100k
1M
10M
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
501
102
202
802
502
103
153
203
/ インピーダンス特性
/ 用途
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
DIMENSIONS (mm)
外形寸法図
/ 仕様
/ 特徴
1. 小型、廉価タイプ。
2. 多機能電話、PBX、FAXなどの不要電界に対するイミュニティ、各種電子機器のDCラインの
  ノイズ対策に有効。
1. 多機能電話。
2. PBX。
3. FAX。
品名
直流抵抗
定格電流
インダクタンス



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com