Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
SC7283
Version 1.0
Page 35 of 89
2018/11
6. PIN DESCRIPTION
6.1 Pin Function
Name
Type
Description
3-Wire SPI / I2C Interface Pins
SPI_ I2C _SEL
I
3-wire SPI and I2C interface control.
SPI_ I2C _SEL
Function Description
L
I2C interface
H
3-wire SPI interface
CS
I
Serial communication chip selection.
CS is not used in I2C interface and should be connected to “H”.
SDA
I/O
Serial communication data input and output.
SCL
I
Serial communication clock input.
Control Pins
PARA_SERI
I
Set parallel or serial RGB interface.
PARA_SERI
Function Description
L
Serial 8-bit RGB interface and input through DG[7:0]
H
Parallel 24-bit RGB interface and input through DR[7:0]
, DB[7:0], DG[7:0]
HDIR
I
Horizontal scan direction control pin. This pin must be connected to “H” or “L”
according to system application.
HDIR
Function Description
L
From right to left
H
From left to right
VDIR
I
Vertical scan direction control pin. This pin must be connected to “H” or “L”
according to system application.
VDIR
Function Description
L
From down to up.
H
From up to down.
VDPOL
I
VDPOL sets VSYNCC polarity in RGB interface.
DCLKPOL
Function Description
L
HSYNC polarity: positive
H
HSYNC polarity: negative
HDPOL
I
HDPOL sets HSYNC polarity in RGB interface.
HDLKPOL
Function Description
L
HSYNC polarity: positive
H
HSYNC polarity: negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com