Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 41 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 41 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
SC7283
Version 1.0
Page 41 of 89
2018/11
7.2.3 System Configuration
The system configuration is illustrated above and some word-definitions are explained below:
a. Transmitter: the device which sends the data to the bus.
b. Receiver: the device which receives the data from the bus.
c. Master: the device which initiates a transfer generates clock signals and terminates a transfer.
d. Slave: the device which is addressed by a master.
e. Multi-Master: more than one master can attempt to control the bus at the same time without corrupting the
message.
f. Arbitration: the procedure to ensure that, if more than one master tries to control the bus simultaneously,
only one is allowed to do so and the message is not corrupted.
g. Synchronization: procedure to synchronize the clock signals of two or more devices.
7.2.4 Acknowledgment
Each byte of eight bits is followed by an acknowledge-bit. The acknowledge-bit is a HIGH signal put on SDA
by the transmitter during the time when the master generates an extra acknowledge-related clock pulse. A
slave receiver which is addressed must generate an acknowledge-bit after the reception of each byte. A
master receiver must also generate an acknowledge-bit after the reception of each byte that has been
clocked out of the slave transmitter. The device that acknowledges must pull-down the SDA line during the
acknowledge-clock pulse, so that the SDA line is stable LOW during the HIGH period of the
acknowledge-related clock pulse (set-up and hold times must be taken into consideration). A master receiver
must signal an end-of-data to the slave transmitter by not generating an acknowledge-bit on the last byte that
has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the
master to generate a STOP condition. Acknowledgement on the I2C Interface is illustrated as follows.
Data output by
Transmitter
SCL from
Master
Data output by
Receiver
S
START
Condition
1
2
8
9
Clock pulse for acknowledgement
Acknowledge
Not
acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com