Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
SC7283
Version 1.0
Page 6 of 89
2018/11
2. FEATURES
Display Maximum Resolution: 480*RGB (H) * 272(V)
- support dual gate panel resolution: 480RGB * 272
256 Gray Scale with True 8-bit DAC
LCD Driver Output Circuits
- source outputs: 720 channels
- gate outputs: 544 channels
- common electrode output
Microprocessor Interface
- 8-bit and 24-bit RGB interface support: SYNC, SYNC-DE and DE mode
- 3-wire SPI and I2C interface
On Chip Build-In Circuits
- DC/DC converter
- multi-OTP circuit
- timing controller
Wide Supply Voltage Range
- I/O voltage (VDDI to DGND): 3.0V ~ 3.6V
- analog voltage (VDD to AGND): 3.0V ~ 3.6V
- charge pump voltage (PVDD to PGND): 3.0V ~ 3.6V
- VDDI ≦ VDD = PVDD
On-Chip Power System
- GVDD: 4.960V ~ 5.968V
- GVCL: -2.960V ~ -4.480V
- VGSP: 0.24V ~ 1.504V (VGSP = (GVDD - |GVCL|) / 2, the VGSP voltage is set by panel
characteristics)
- gate high level (VGH to AGND): 13V ~ 16.5V
- gate low level (VGL to AGND): -7V ~ -11V
Optimized Layout for COG Assembly
Built-in Multi-OTP Programming Circuit
- internal VPP power supply
Multi-OTP Adjustable Parameters
- 7-bit for VCOM offset adjustment
- 7-bit ID1/ ID2/ ID3 for user use
Design for Consumer Applications; Automotive Related Products are Excluded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com