Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 54 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 54 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
SC7283
Version 1.0
Page 54 of 89
2018/11
8.2.11 RGB INTERFACE MODE SETTING (1Ah)
Address
TYPE
D7
D6
D5
D4
D3
D2
D1
D0
Default
1Ah
R/W
1
1
1
1
0
RGBSWAP
RGBMODE[1:0]
F7h
Designation
Description
RGBSWAP
Set data format sequence of RGB interface
Pin Name
Internal Data
RGBSWAP=0
RGBSWAP=1
DR0
r0’
r0’
r7’
DR1
r1’
r1’
r6’
DR2
r2’
r2’
r5’
DR3
r3’
r3’
r4’
DR4
r4’
r4’
r3’
DR5
r5’
r5’
r2’
DR6
r6’
r6’
r1’
DR7
r7’
r7’
r0’
DG0
g0’
g0’
g7’
DG1
g1’
g1’
g6’
DG2
g2’
g2’
g5’
DG3
g3’
g3’
g4’
DG4
g4’
g4’
g3’
DG5
g5’
g5’
g2’
DG6
g6’
g6’
g1’
DG7
g7’
g7’
g0’
DB0
b0’
b0’
b7’
DB1
b1’
b1’
b6’
DB2
b2’
b2’
b5’
DB3
b3’
b3’
b4
DB4
b4’
b4’
b3’
DB5
b5’
b5’
b2’
DB6
b6’
b6’
b1’
DB7
b7’
b7’
b0’
RGBMODE[1:0]
Set color format of RGB interface
RGBMODE [1:0]
Color Format
00
256-gray mono display
01
64K
10
262K
11
16.7M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com