Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
SC7283
Version 1.0
Page 53 of 89
2018/11
8.2.10 DISPLAY MODE SETTING (19h)
Address
TYPE
D7
D6
D5
D4
D3
D2
D1
D0
Default
19h
R/W
MVA_TN
VDIR
HDIR
SBGR
VDPOL
HDPOL
DEPOL
DCLKPOL
6Dh
Designation
Description
MVA_TN
MVA_TN=0: TN mode for panel display.
MVA_TN=1: VA mode for panel display.
VDIR
Vertical scan direction setting
VDIR= 0: from bottom to top, L544(first line) → L543 →…→ L2 → L1(last line)
VDIR= 1: from top to bottom, L1(first line) → L2 →…→ L543 → L544(last line)
HDIR
Horizontal scan direction setting
HDIR= 0: from right to left, Y720(first data) → Y719 →…→ Y2 → Y1(last data)
HDIR= 1: from left to right, Y1(first data) → Y2 →…→ Y719 → Y720(last data)
SBGR
Data of red and blue exchange
SBGR= 0: normal, DR[7:0]→DR[7:0] and DB[7:0]→DB[7:0]
SBGR= 1: exchange, DR[7:0]→DB[7:0] and DB[7:0]→DR[7:0]
VDPOL
VSYNC polarity setting
VDPOL= 0: positive polarity
VDPOL= 1: negative polarity
HDPOL
HSYNC polarity setting
HDPOL= 0: positive polarity
HDPOL= 1: negative polarity
DEPOL
DE polarity setting
DEPOL= 0: positive polarity
DEPOL= 1: negative polarity
DCLKPOL
DCLK polarity setting
DCLKPOL= 0: positive Polarity
DCLKPOL= 1: negative Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com