Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 38 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 38 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
SC7283
Version 1.0
Page 38 of 89
2018/11
6.2 Hardware Pin Option Mapping Software Register Option
If hardware pin and software register are set at the same time, the judgment criteria are as follows:
Hardware Pin Setting
Register Setting
Judgment Result
DISP
10h_bit[0]
DISP (Hardware Pin)
VDIR
19h_bit[6]
19h_bit[6] (Register)
HDIR
19h_bit[5]
19h_bit 5] (Register)
VDPOL
19h_bit[3]
19h_bit[3] (Register)
HDPOL
19h_bit[2]
19h_bit[2] (Register)
DCLKPOL
19h_bit[0]
19h_bit[0] (Register)
AUTODL
1Bh_bit[2]
1Bh_bit[2] (Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com