Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
SC7283
Version 1.0
Page 46 of 89
2018/11
7.3.4 Parallel 24 bit RGB Input Timing Table
Parallel 24-bit RGB Input Timing (PVDD=VDD=VDDI= 3.3V, AGND= 0V, TA=25
C)
480RGB X 272 Resolution Timing Table
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
DCLK Frequency
Fclk
8
9
12
MHz
DCLK Period
Tclk
83
111
125
ns
HSYNC
Period Time
Th
485
531
598
DCLK
Display Period
Thdisp
480
DCLK
Back Porch
Thbp
3
43
43
DCLK
By H_BLANKING setting
Front Porch
Thfp
2
8
75
DCLK
Pulse Width
Thw
2
4
43
DCLK
VSYNC
Period Time
Tv
276
292
321
HSYNC
Display Period
Tvdisp
272
HSYNC
Back Porch
Tvbp
2
12
12
HSYNC
By V_BLANKING setting
Front Porch
Tvfp
2
8
37
HSYNC
Pulse Width
Tvw
2
4
12
HSYNC
Note: It is necessary to keep Tvbp =12 and Thbp =43 in sync mode. DE mode is unnecessary to keep it.
7.3.5 Serial 8 bit RGB Input Timing Table
Serial 8-bit RGB Input Timing (PVDD=VDD=VDDI= 3.3V, AGND= 0V, TA=25
C)
480RGB X 272 Resolution Timing Table
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
DCLK Frequency
Fclk
24
27
30
MHz
DCLK Period
Tclk
33
37
42
ns
HSYNC
Period Time
Th
1445
1491
1558
DCLK
Display Period
Thdisp
1440
DCLK
Back Porch
Thbp
3
43
43
DCLK
By H_BLANKING setting
Front Porch
Thfp
2
8
75
DCLK
Pulse Width
Thw
2
4
43
DCLK
VSYNC
Period Time
Tv
276
292
321
HSYNC
Display Period
Tvdisp
272
HSYNC
Back Porch
Tvbp
2
12
12
HSYNC
By V_BLANKING setting
Front Porch
Tvfp
2
8
37
HSYNC
Pulse Width
Tvw
2
4
12
HSYNC
Note: It is necessary to keep Tvbp =12 and Thbp =43 in sync mode. DE mode is unnecessary to keep it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com