Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 70 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 70 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
SC7283
Version 1.0
Page 70 of 89
2018/11
9. ELECTRICAL SPECIFICATIONS
9.1 Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Power Supply Voltage
VDD
- 0.3 ~ +4.0
V
IO Supply Voltage
VDDI
- 0.3 ~ +4.0
V
Charge Pump Supply Voltage
PVDD
- 0.3 ~ +4.0
V
Logic Input Voltage Range
VIN
-0.3 ~ VDDI + 0.3
V
Logic Output Voltage Range
VOUT
-0.3 ~ VDDI + 0.3
V
Operating Temperature Range
TOPR
-30 ~ +85
℃
Storage Temperature Range
TSTG
-40 ~ +125
℃
Note:
1. That the stress exceeds the Limiting Value listed above it may cause the driver IC permanent damage. These values are for stress only.
IC should be operated under the DC/AC Characteristic conditions for normal operation. If these conditions are not met, IC operation
may be error and the reliability may be deteriorated.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
3. Insure the voltage levels of VDDI, VDD, PVDD always matches the correct relation:
3.0V
VDDI
VDD = PVDD
≦
≦
≦
3.6V
4. VIN should be less than or equal to 3.6V. (VIN ≤ 3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com