Electronic Components Datasheet Search
  English  ▼

X  

SC7283 Datasheet(PDF) 36 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 36 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
SC7283
Version 1.0
Page 36 of 89
2018/11
Name
Type
Description
DCLKPOL
I
VDPOL sets DCLK polarity in RGB interface.
VDLKPOL
Function Description
L
VSYNC polarity: positive
H
YSNC polarity: negative
GRB
I
Global reset pin. When GRB is “L”, internal initialization procedure is executed.
DISP
I
DISP sets the display mode.
DISP
Function Description
L
Standby mode
H
Normal display mode
AUTODL
I
OTP trim function control pin.
AUTODL
Function Description
L
Disable auto-refresh function
H
Enable auto-refresh function
ENPROG
I
OTP program control pin.
ENPROG
Function Description
L
Disable OTP program function
H
Enable OTP program function
BIST_EN
I
BIST function control pin.
BIST_EN
Function Description
L
Disable BIST function
H
Enable BIST function
Input Interface Pins
DR[7:0]
DG[7:0]
DB[7:0]
I
RGB interface data input pins.
Function Description
DR[7:0]
8 bit data bus display red data. DR[7:0] are not used in 8-bit
RGB interface and should be connected to “L” .
DG[7:0]
8 bit data bus display green data. DG[7:0] are used in 8-bit
RGB interface.
DB[7:0]
8 bit data bus display blue data. DB[7:0] are not used in 8-bit
RGB interface and should be connected to “L”.
DCLK
I
Pixel clock input pin
HSYNC
I
Horizontal sync signal, default is negative polarity.
VSYNC
I
Vertical sync signal, default is negative polarity.
DE
I
Data input enable. Display access is enabled when DE is “H”.
Source / Gate Driver Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com