Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
ST7282T2
Version 1.2
Page 35 of 77
2016/03
6. PIN DESCRIPTION
6.1 Pin Function
Name
Type
Description
CS
I
(VDDI)
Serial communication chip select, Internal pull high.
SDA
I/O
(VDDI)
Serial communication data input and output, Internal pull low.
SCL
I
(VDDI)
Serial communication clock input, Internal pull low.
PARA_SERI
I
(VDDI)
PARA_SERI
=”High”, Parallel 24-bit RGB input through DR0~7, DB0~DB7,
DG0~DG7.
PARA_SERI
=”Low”, Serial 8-bit RGB input through DG0~DG7.
DR0~DR7
I
(VDDI)
8-bit digital Red data input
DG0~DG7
I
(VDDI)
8-bit digital Green data input
DB0~DB7
I
(VDDI)
8-bit digital Blue data input
DCLK
I
(VDDI)
Clock signal for data latching and internal counter for the timing controller.
HSYNC
I
(VDDI)
Horizontal sync signal.
When not used, user should
connect it to “Low”.
(Please refer to the chapter 12.1)
VSYNC
I
(VDDI)
Vertical sync signal.
When not used, user should
connect it to “Low”.
(Please refer to the chapter 12.1)
DE
I
(VDDI)
Data input enable control.
When not used, user should
connect it to “Low”.
(Please refer to the chapter 12.1)
SYNC
I
(VDDI)
No Function. User should connect it to
“Low”
HDIR
I
(VDDI)
Horizontal scan direction control..
HDIR = “High”: Shift from left to right.
HDIR = “Low” : Shift from right to left.
When not used, user should connect it to “High”
(Please refer to the register setting : HDIR)
VDIR
I
Vertical scan direction control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com