Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 56 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 56 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
ST7282T2
Version 1.2
Page 56 of 77
2016/03
10. INPUT DATA FORMAT
10.1 RGB Input Timing Table
10.1.1 Parallel 24-bit RGB Timing Table
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
DCLK Frequency
Fclk
8
9
12
MHz
DCLK Period
Tclk
83
111
125
ns
HSYNC
Period Time
Th
485
531
598
DCLK
Display Period
Thdisp
480
DCLK
Back Porch
Thbp
3
43
43
DCLK
By H_Blanking setting
Front Porch
Thfp
2
8
75
DCLK
Pulse Width
Thw
2
4
75
DCLK
VSYNC
Period Time
Tv
276
292
321
H
Display Period
Tvdisp
272
H
Back Porch
Tvbp
2
12
12
H
By V_Blanking setting
Front Porch
Tvfp
2
8
37
H
Pulse Width
Tvw
2
4
37
H
Note: It is necessary to keep Tvbp =12 and Thbp =43 in sync mode. DE mode is unnecessary to keep it.
10.1.2 Serial 8-bit RGB Timing Table
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
DCLK Frequency
Fclk
24
27
30
MHz
DCLK Period
Tclk
33
37
42
ns
HSYNC
Period Time
Th
1445
1491
1558
DCLK
Display Period
Thdisp
1440
DCLK
Back Porch
Thbp
3
43
43
DCLK
By H_Blanking setting
Front Porch
Thfp
2
8
75
DCLK
Pulse Width
Thw
2
4
75
DCLK
VSYNC
Period Time
Tv
276
292
321
H
Display Period
Tvdisp
272
H
Back Porch
Tvbp
2
12
12
H
By V_Blanking setting
Front Porch
Tvfp
2
8
37
H
Pulse Width
Tvw
2
4
37
H
Note: It is necessary to keep Tvbp =12 and Thbp =43 in sync mode. DE mode is unnecessary to keep it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com