Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
ST7282T2
Version 1.2
Page 46 of 77
2016/03
8.3.2 R20~R2F: GAMMA SELECTION
Register
TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
R20
W
PKP7[4] PKP6[4] PKP5[4] PKP4[4]
PKP3[4]
PKP2[4] PKP1[4] PKP0[4]
0Fh
R21
W
-
-
-
-
VOS0P[4] VRF0P[4] PKP9[4] PKP8[4]
02h
R22
W
PKP1[3:0]
PKP0[3:0]
E0h
R23
W
PKP3[3:0]
PKP2[3:0]
03h
R24
W
PKP5[3:0]
PKP4[3:0]
EFh
R25
W
PKP7[3:0]
PKP6[3:0]
64h
R26
W
PKP9[3:0]
PKP8[3:0]
39h
R27
W
VOS0P[3:0]
VRF0P[3:0]
E6h
R28
W
PKN7[4] PKN6[4] PKN5[4] PKN4[4] PKN3[4]
PKN2[4] PKN1[4] PKN0[4]
0Eh
R29
W
-
-
-
-
VOS0N[4] VRF0N[4] PKN9[4] PKN8[4]
03h
R2A
W
PKN1[3:0]
PKN0[3:0]
ECh
R2B
W
PKN3[3:0]
PKN2[3:0]
23h
R2C
W
PKN5[3:0]
PKN4[3:0]
EFh
R2D
W
PKN7[3:0]
PKN6[3:0]
FBh
R2E
W
PKN9[3:0]
PKN8[3:0]
D5h
R2F
W
VOS0N[3:0]
VRF0N[3:0]
E6h
Designation
Address
Description
VRF0P[4:0]
R21[2]
R27[3:0]
V8 Gamma selection
VRF0N[4:0]
R29[2]
R2F[3:0]
PKP0[4:0]
R20[0],
R22[3:0]
V16 Gamma selection
PKN0[4:0]
R28[0],
R2A[3:0]
PKP1[4:0]
R20[1],
R22[7:4]
V32 Gamma selection
PKN1[4:0]
R28[1],
R2A[7:4]
PKP2[4:0]
R20[2],
R23[3:0]
V48 Gamma selection
PKN2[4:0]
R28[2],
R2B[3:0]
PKP3[4:0]
R20[3],
V80 Gamma selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com