Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 67 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 67 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
ST7282T2
Version 1.2
Page 67 of 77
2016/03
13. POWER ON/OFF SEQUENCE
13.1 Power On Sequence
VDD,VDDI,
PVDD
VSYNC
STB
VGL
VCOM
Output = 0V
AVDD
VGH
1 Frame
1 Frame
2 Frame
2 Frame
2 Frame
Source output
Blank
Normal
Output = 0V
VLED
AVCL
DE
T0
T1
T4
T2
T5
T3
Description
Min. Time
T0
Determined by the external power
T1
Time from stable VDD, VDDI, PVDD set-up to the first VSYNC
T1=0
T2
Time from AVDD=0V to AVDD=3.3V
T2=T0
T3
Time from AVDD=3.3V to AVDD=6.0V
T3=T1+ (1*Frame)
T4
Time from stable VDD, VDDI, PVDD set-up to DISP asserted
T4=0
T5
Time from VGH=0V to VGH=3.3V
T5=T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com