Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 48 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 48 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
ST7282T2
Version 1.2
Page 48 of 77
2016/03
8.3.3 R50: GVDD SETTING
Register
TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
R50
R/W
-
1
VRHP[5:0]
59h
Designation
Address
Description
VRHP[5:0]
R50[5:0]
GVDD level adjustment
VRHP[5:0]
GVDD
VRHP[5:0]
GVDD
VRHP[5:0]
GVDD
VRHP[5:0]
GVDD
000000
5.9680
010000
5.7120
100000
5.4560
110000
5.2000
000001
5.9520
010001
5.6960
100001
5.4400
110001
5.1840
000010
5.9360
010010
5.6800
100010
5.4240
110010
5.1680
000011
5.9200
010011
5.6640
100011
5.4080
110011
5.1520
000100
5.9040
010100
5.6480
100100
5.3920
110100
5.1360
000101
5.8880
010101
5.6320
100101
5.3760
110101
5.1200
000110
5.8720
010110
5.6160
100110
5.3600
110110
5.1040
000111
5.8560
010111
5.6000
100111
5.3440
110111
5.0880
001000
5.8400
011000
5.5840
101000
5.3280
111000
5.0720
001001
5.8240
011001
5.5680
101001
5.3120
111001
5.0560
001010
5.8080
011010
5.5520
101010
5.2960
111010
5.0400
001011
5.7920
011011
5.5360
101011
5.2800
111011
5.0240
001100
5.7760
011100
5.5200
101100
5.2640
111100
5.0080
001101
5.7600
011101
5.5040
101101
5.2480
111101
4.9920
001110
5.7440
011110
5.4880
101110
5.2320
111110
4.9760
001111
5.7280
011111
5.4720
101111
5.2160
111111
4.9600
Note: LCD display quality will depend on panel loading characteristics, liquid crystal characteristics,
and different temperature.
8.3.4 R51: GVCL SETTING
Register TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
R51
R/W
0
VRHN[6:0]
44h
Designation
Address
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com