Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
ST7282T2
Version 1.2
Page 6 of 77
2016/03
2. FEATURES
Display Resolution: 480*RGB (H) *272(V)
LCD Driver Output Circuits
- Source Outputs: 720 Channels
- Gate Outputs: 544 Channels
- Common Electrode Output
256 gray scale with true 8 bit DAC
Support DE, SYNC and SYNC-DE mode RGB interface input timing
Support 24-bit parallel and 8-bit serial RGB interface
Support 3- wire Serial Peripheral Interface to config and control display
On Chip Build-In Circuits
- DC/DC Converter
- Non-Volatile (NV) Memory to store initial Register setting and factory default value
- Timing Controller
Wide Supply Voltage Range
- I/O Voltage (VDDI to DGND): 1.65V ~ VDD
- Analog Voltage (VDD to AGND): 3.0V ~ 3.6V
- Charge pump Voltage (PVDD to PGND): 3.0V ~ 3.6V
On-Chip Power System
- GVDD: +4.9600 ~ +5.9680V
- GVCL: -4.4800V ~ -2.9600V
- Gate driver HIGH level (VGH to AGND): +13V ~ +17.5V
- Gate driver LOW level (VGL to AGND): -11.5V ~ -7V
Optimized layout for COG Assembly
Non-Volatile Memory (OTP) can only program one time for LCD VCOM calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com