Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
ST7282T2
Version 1.2
Page 53 of 77
2016/03
9. ELECTRICAL SPECIFICATIONS
9.1 Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Power Supply Voltage
VDD
- 0.3 ~ +4.6
V
IO Supply Voltage
VDDI
- 0.3 ~ +4.6
V
Charge Pump Supply Voltage
PVDD
- 0.3 ~ +4.6
V
Logic Input Voltage Range
VIN
-0.3 ~ VDDI + 0.3
V
Logic Output Voltage Range
VO
-0.3 ~ VDDI + 0.3
V
Operating Temperature Range
TOPR
-30 ~ +85
℃
Storage Temperature Range
TSTG
-40 ~ +125
℃
Note:
1. That the stress exceeds the Limiting Value listed above it may cause the driver IC permanent damage. These values are for stress only.
IC should be operated under the DC/AC Characteristic conditions for normal operation. If these conditions are not met, IC operation may
be error and the reliability may be deteriorated.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
3. VIN should be less than or equal to 3.6V. (VIN
≤ 3.6V)
9.2 DC Characteristics
DC Electrical Characteristics (PVDD=VDD=VDDI= 3.3V, AGND= 0V, TA=25
C)
9.2.1 Recommended Operating Range
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VDD
3.0
3.3
3.6
V
IO Supply Voltage
VDDI
1.65
-
VDD
V
Charge Pump Supply Voltage
PVDD
3.0
3.3
3.6
V
NVM Supply Voltage
VPP
7.4
7.5
7.6
V
9.2.2 DC Characteristics for Digital Circuit
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Logic-High Input Voltage
Vih
0.7VDDI
-
VDDI
V
Logic-Low Input Voltage
Vil
DGND
-
0.3VDDI
V
Logic-High Output Voltage
Voh
VDDI-0.4
-
VDDI
V
Logic-Low Output Voltage
Vol
DGND
-
DGND+0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com