Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
ST7282T2
Version 1.2
Page 37 of 77
2016/03
VDD
P
Power supply for digital circuit
VDDI
P
Power supply for digital interface I/O pins
PVDD
P
Power supply for charge pump circuit
DGND
P
Ground pin for digital circuit
AGND
P
Ground pin for analog circuit
PGND
P
Ground pin for charge pump circuit
VPP
P
Power input pin for NVM. When writing NVM, it needs external power supply
voltage (7.5V). If not used, let this pin open.
AVDD
C
Power pad for analog circuit. Connect a capacitor for stabilization.
AVDD1
C
A power supply pin for generating Gamma reference voltage (Positive).
Connect a capacitor for stabilization. (Option)
AVCL
C
A power supply pin for generating GVCL. Connect a capacitor for stabilization.
AVCL1
C
A power supply pin for generating Gamma reference voltage (Negative).
Connect a capacitor for stabilization.
VCC
PO
Monitoring pin of internal digital power
VGH
C
Positive power supply for gate driver output. Connect a capacitor for
stabilization.
VGL
C
Negative power supply for gate driver output. Connect a capacitor for
stabilization.
GVDD
PO
A reference voltage (Positive) of grayscale voltage generator.
GVCL
PO
A reference voltage (Negative) of grayscale voltage generator.
Others
VGSP
T
Internal VCOM offset monitor pin for feed-through voltage.
TESTOUT[0:7]
TESTOUT9
TESTOUT11
TESTOUT13
TESTOUT14
TESTOUT15
T
Test pins for internal testing only. User should leave it open.
TEST_IN[4:0]
T
Test pins for internal testing only. Internal pull low. User should leave it open or
connect it to “Low”.
TEST_IN5
T
Test pins for internal testing only. Internal pull high. User should leave it open or
connect it to “High”
DUMMY
D
Dummy pin. User should leave it open.
Note:
I: input, O: output, I/O: input/output, P: power input, PO: power out, D: dummy, T: test pin, C: capacitor pin
If unused pin don
’t floating, the pin fix to VDDI or DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com