Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 62 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 62 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
ST7282T2
Version 1.2
Page 62 of 77
2016/03
12.3 Parallel RGB SYNC Mode Reference Circuit
Panel ILB
C4
C5
C6
C1
C2
C3
TP8
1
TP9
1
GVDD
VCC
GVCL
VGSP
C7
C8
1uF/10V
VPP
Dotted block represent dummy component.
Note:
EXTC
CS
TP2
1
TP1
1
SDA
SCL
TP3
1
TP4
1
TP5
1
VDD
GND
R9
10K
GRB
Test Pad
GND
Power On Reset Circuit
Reserved Hardware Setting
R13
0R
R4
0R
R14
0R
R5
0R
R18
0R
R3
0R
R15
0R
GND
VDD
R8
0R
GND
DCLKPOL
GND
GND
VDIR
PARA_SERI
HDIR
PARA_SERI
FPC Hardware Pin Setting Description
0
I/F select
Serial 8-bit
Parallel 24-bit
1
TP6
1
DCLKPOL
0
DCLKPOL Polarity
TP7
1
Negative
1
If unuse pin don't floating, The pin fix to GND
Postive
Note:
1
0
Gate Scan direction
G544->G1
VDIR
Source Scan direction
G1->G544
HDIR
1
0
S720->S1
VDD
S1->S720
VDD
VDD
FPC Pin Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com