Electronic Components Datasheet Search
  English  ▼

X  

ST7282T2 Datasheet(PDF) 38 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 38 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
ST7282T2
Version 1.2
Page 38 of 77
2016/03
7. 3-WIRE SERIAL INTERFACE
R/W: Read/Write mode control bit.
R/W=1: Read mode
R/W=0: Write mode
1
3 4
2
5
6 7
8
10 11
9
12 13 14 15 16
Read Mode
CS
SCL
SDA
R
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Write Mode
CS
SCL
SDA
W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Next Command
a. Each serial command consists of 16 bits of data which is loaded one bit a time at the rising edge of serial clock SCL.
b. Command loading operation starts from the falling edge of CS and is completed at the next rising edge of CS.
c. The serial control block is operational after power on reset, but commands are established by the VSYNC signal. If command is
transferred multiple times for the same register, the last command before the VSYNC signal is valid.
d. If less than 16 bits of SCL are input while CS is low, the transferred data is ignored.
e. If 16 bits or more of SCL are input while CS is low, the previous 16 bits of transferred data before the rising edge of CS pulse are valid
data.
f. Serial block operates with the SCL clock
g. Serial data can be accepted in the power save mode.
h. After power on reset or GRB reset, it is required 100ms delay to begin SPI communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com