Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 4 Page - Analog Devices

  AD7766 Datasheet HTML 1Page - Analog Devices AD7766 Datasheet HTML 2Page - Analog Devices AD7766 Datasheet HTML 3Page - Analog Devices AD7766 Datasheet HTML 4Page - Analog Devices AD7766 Datasheet HTML 5Page - Analog Devices AD7766 Datasheet HTML 6Page - Analog Devices AD7766 Datasheet HTML 7Page - Analog Devices AD7766 Datasheet HTML 8Page - Analog Devices AD7766 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AD7766
Preliminary Technical Data
Rev. PrD | Page 4 of 18
Parameter
Test Conditions/Comments
Specifcation
Unit
REFERENCE INPUT1
VREF+ Input Voltage
+2.4
V min
2 x AVDD
V max
Reference Input Impedance
TBD
Ohms
DIGITAL INPUTS (Logic Levels)1
VIL
-0.3
Vmin
0.3 x VDRIVE
Vmax
VIH
0.7 x VDRIVE
Vmin
VIH
VDRIVE + 0.3
Vmax
Input Current
TBD
uA max
Input leakage
TBD
uA/pin max
Input Capacitance
TBD
pF max
Master Clock rate
1
MHz typ
Serial Clock rate
30
MHz max
DIGITAL OUTPUTS1
Data Format
Serial 24 bits Two’s Complement (MSB 1st)
VOL
ISINK = +500 µA
0.4
V max
VOH
ISOURCE = -500 µA
VDRIVE – 0.3
V min
POWER REQUIREMENTS1
AVDD
+2.375/+2.625
V min/max
DVDD
+2.375/+2.625
V min/max
VDRIVE
+1.7/+3.6
V min/max
AD7766 Current Specifications
125 Khz Output Data Rate
AIDD
1.4
mA typ
DIDD
3.2
mA typ
IREF
0.7
mA typ
IDRIVE
VDRIVE = 3.6V, Full-scale code output, TBD pF load.
0.8
mA typ
AD7766-1 Current Specifications
62.5 Khz Output Data Rate
AIDD
1.4
mA typ
DIDD
1.8
mA typ
IREF
0.7
mA typ
IDRIVE
VDRIVE = 3.6V, Full-scale code output, TBD pF load.
0.8
mA typ
AD7766-2 Current Specifications
31.25 Khz Output Data Rate
AIDD
1.4
mA typ
DIDD
1.1
mA typ
IREF
0.7
mA typ
IDRIVE
VDRIVE = 3.6V Full-scale code output, TBD pF load.
0.8
mA typ
Power Dissapation
AD7766
125 KHz Output Data Rate (Dec × 8)
15
mW typ
AD7766-1
62.5 KHz Output Data Rate (Dec × 16)
12
mW typ
AD7766-2
31.25 KHz Output Data Rate (Dec × 32)
10
mW typ
Power Down 1
(All decimation rates)
TBD
mW typ
1 Specifications for all devices, AD7766, AD7766-1 and AD7766-2.
2 See Terminology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com